Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42420LGBB-Z Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE42420LGBB-Z
Description  UltraCMOS짰 SPDT RF Switch 100.6000 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42420LGBB-Z Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE42420LGBB-Z Datasheet HTML 1Page - Peregrine Semiconductor PE42420LGBB-Z Datasheet HTML 2Page - Peregrine Semiconductor PE42420LGBB-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42420LGBB-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42420LGBB-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42420LGBB-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42420LGBB-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42420LGBB-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42420LGBB-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Page 1 of 12
Document No. DOC-78041-1 │ www.psemi.com
©2016 Peregrine Semiconductor Corp. All rights reserved.
Figure 1. Functional Diagram
Product Specification
UltraCMOS® SPDT RF Switch
100–6000 MHz
PE42420
Features
 HaRP™ technology enhanced

No gate and phase lag

No drift in insertion loss and phase
 High linearity

IIP3 of 65 dBm
 High isolation

69 dB @ 1 GHz

62 dB @ 3 GHz

50 dB @ 6 GHz
 Supports +1.8V control logic
 +105 °C operating temperature
 High ESD tolerance

4 kV HBM on RFC

2 kV HBM on all other pins
Product Description
The PE42420 is a HaRP™ technology-enhanced
absorptive SPDT RF switch designed for use in 3G/4G
wireless infrastructure and other high performance RF
applications. It is ideal for transmit path switching, RF and
IF signal routing, AGC loops, and filter bank switching
applications.
This general purpose switch is comprised of two symmetric
RF ports and has exceptional port to port isolation up to
6 GHz. An integrated CMOS decoder facilitates a two-pin
low voltage CMOS control interface. In addition, no
external blocking capacitors are required if 0 VDC is
present on the RF ports.
The PE42420 is manufactured on Peregrine’s UltraCMOS®
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate.
Peregrine’s HaRP technology enhancements deliver high
linearity and excellent harmonics performance. It is an
innovative feature of the UltraCMOS process, offering
the performance of GaAs with the economy and integration
of conventional CMOS.
Figure 2. Package Type
20-lead 4 × 4 mm LGA
DOC-02177


Similar Part No. - PE42420LGBB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
   UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
More results

Similar Description - PE42420LGBB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com