Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK42421-01 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # EK42421-01
Description  SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42421-01 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  EK42421-01 Datasheet HTML 1Page - Peregrine Semiconductor EK42421-01 Datasheet HTML 2Page - Peregrine Semiconductor EK42421-01 Datasheet HTML 3Page - Peregrine Semiconductor EK42421-01 Datasheet HTML 4Page - Peregrine Semiconductor EK42421-01 Datasheet HTML 5Page - Peregrine Semiconductor EK42421-01 Datasheet HTML 6Page - Peregrine Semiconductor EK42421-01 Datasheet HTML 7Page - Peregrine Semiconductor EK42421-01 Datasheet HTML 8Page - Peregrine Semiconductor EK42421-01 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product Specification
PE42421
Page 2 of 9
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0396-03
│ UltraCMOS® RFIC Solutions
Notes: 1. Device linearity will begin to degrade below 10 MHz
2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low in a 50
Ω test set-up, measured with
1ns risetime pulses and 500 MHz bandwidth
3. A tuning capacitor must be added to the application board to optimize the insertion loss and return loss performance. See Figure 6 for details
Table 1. Electrical Specifications @ +25°C, VDD = 3V (ZS = ZL = 50Ω )
Parameter
Condition
Minimum
Typical
Maximum
Unit
Operation Frequency
1
10 MHz
3000
MHz
Insertion Loss
3
1000 MHz
2000 MHz
0.35
0.50
0.45
0.60
dB
dB
Isolation
1000 MHz
2000 MHz
29
19
30
20
dB
dB
Return Loss
3
1000 MHz
2000 MHz
21
24
22
27
dB
dB
‘ON’ Switching Time
50% CTRL to 0.1 dB of final value, 1 GHz
1.50
us
‘OFF’ Switching Time
50% CTRL to 25 dB isolation, 1 GHz
1.50
us
Video Feedthrough
2
15
mVpp
Input 1 dB Compression
1000 MHz @ 2.3 - 3.3V
1000 MHz @ 1.8 - 2.3V
2500 MHz @ 2.3 - 3.3V
2500 MHz @ 1.8 - 2.3V
31.5
29.5
28.5
28
33.5
30.5
30.5
29
dBm
Input IP3
1000 MHz, 20dBm input power
55
dBm
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - EK42421-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
EK42421-01 PEREGRINE-EK42421-01 Datasheet
326Kb / 9P
   SPDT UltraCMOS
More results

Similar Description - EK42421-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
   SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
   SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
   UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com