Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42510AMLI-Z Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE42510AMLI-Z
Description  SPDT High Power UltraCMOS짰 Reflective RF Switch 30 - 2000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42510AMLI-Z Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE42510AMLI-Z Datasheet HTML 1Page - Peregrine Semiconductor PE42510AMLI-Z Datasheet HTML 2Page - Peregrine Semiconductor PE42510AMLI-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42510AMLI-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42510AMLI-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42510AMLI-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42510AMLI-Z Datasheet HTML 7Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Specification
PE42510A
Page 3 of 7
Document No. 70-0266-03 │ www.psemi.com
©2008-2012 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
The PE42510A Evaluation Kit board was designed
to ease customer evaluation of the PE42510A
RF switch.
DC power is supplied through J10, with VDD on pin 9,
and GND on the entire lower row of even numbered
pins. To evaluate a switch path, add or remove
jumpers on CTRL/V1 (pin 3) using Table 5 (adding
a jumper pulls the CMOS control pin low and
removing it allows the on-board pull-up resistor to
set the CMOS control pin high). J10 pins 1, 11, and
13 are N/C.
The RF common port (RFC) is connected through
a 50Ω transmission line via the top SMA connector,
J1. RF1 and RF2 paths are also connected through
50 Ω transmission lines via SMA connectors. A 50 Ω
through transmission line is available via SMA
connectors J8 and J9. This transmission line can be
used to estimate the loss of the PCB over the
environmental conditions being evaluated. An open-
ended 50 Ω transmission line is also provided at J7
for calibration if needed.
Figure 4. Evaluation Board Layouts
Figure 5. Evaluation Board Schematic
102-0383-02
101-0314-02


Similar Part No. - PE42510AMLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42510AMLI-Z PEREGRINE-PE42510AMLI-Z Datasheet
375Kb / 7P
   SPDT High Power UltraCMOS RF Switch 30 - 2000 MHz
More results

Similar Description - PE42510AMLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
logo
Peregrine Semiconductor...
PE42510A PEREGRINE-PE42510A Datasheet
375Kb / 7P
   SPDT High Power UltraCMOS RF Switch 30 - 2000 MHz
PE42510A PEREGRINE-PE42510A Datasheet
380Kb / 7P
   SPDT High Power UltraCMOS RF Switch 30-2000 MHz
logo
Peregrine Semiconductor
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com