Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS0 Datasheet(PDF) 58 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 51Page - STMicroelectronics LSM6DS0 Datasheet HTML 52Page - STMicroelectronics LSM6DS0 Datasheet HTML 53Page - STMicroelectronics LSM6DS0 Datasheet HTML 54Page - STMicroelectronics LSM6DS0 Datasheet HTML 55Page - STMicroelectronics LSM6DS0 Datasheet HTML 56Page - STMicroelectronics LSM6DS0 Datasheet HTML 57Page - STMicroelectronics LSM6DS0 Datasheet HTML 58Page - STMicroelectronics LSM6DS0 Datasheet HTML 59Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
Revision history
LSM6DS0
58/59
DocID025604 Rev 3
10
Revision history
Table 97. Document revision history
Date
Revision
Changes
28-Nov-2013
1
Initial release
31-Mar-2014
2
Updated Vdd to 2.2 V in Section 2: Module specifications
Updated SW_RESET bit in Table 69: CTRL_REG8 register
description
Updated dimensions and revised package presentation in Section 9:
Package information
03-Nov-2014
3
Document status promoted from preliminary to production data
Added ±16 g linear acceleration full scale throughout datasheet
Updated footnote 2 of Table 2: Pin description
Updated Figure 20: LSM6DS0 electrical connections


Similar Part No. - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
   always-on 3D accelerometer and 3D gyroscope
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
   iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS33TR STMICROELECTRONICS-LSM6DS33TR Datasheet
1Mb / 77P
   iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
   always-on 3D accelerometer and 3D gyroscope
LSM6DS3HTR STMICROELECTRONICS-LSM6DS3HTR Datasheet
1Mb / 104P
   always-on 3D accelerometer and 3D gyroscope
More results

Similar Description - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303D STMICROELECTRONICS-LSM303D Datasheet
1Mb / 52P
   Embedded temperature sensor
November 2013 Rev 2
LIS2HH12 STMICROELECTRONICS-LIS2HH12 Datasheet
1Mb / 47P
   Embedded temperature sensor
December 2015 Rev 5
L2G2IS STMICROELECTRONICS-L2G2IS Datasheet
621Kb / 26P
   Embedded temperature sensor
February 2016 Rev 2
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
   Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com