Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS0 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 25Page - STMicroelectronics LSM6DS0 Datasheet HTML 26Page - STMicroelectronics LSM6DS0 Datasheet HTML 27Page - STMicroelectronics LSM6DS0 Datasheet HTML 28Page - STMicroelectronics LSM6DS0 Datasheet HTML 29Page - STMicroelectronics LSM6DS0 Datasheet HTML 30Page - STMicroelectronics LSM6DS0 Datasheet HTML 31Page - STMicroelectronics LSM6DS0 Datasheet HTML 32Page - STMicroelectronics LSM6DS0 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
DocID025604 Rev 3
29/59
LSM6DS0
Digital interfaces
59
Both the read register and write register commands are completed in 16 clock pulses or in
multiples of 8 in case of multiple read/write bytes. Bit duration is the time between two falling
edges of SPC. The first bit (bit 0) starts at the first falling edge of SPC after the falling edge
of CS while the last bit (bit 15, bit 23, ...) starts at the last falling edge of SPC just before the
rising edge of CS.
bit 0: RW bit. When 0, the data DI(7:0) is written into the device. When 1, the data DO(7:0)
from the device is read. In latter case, the chip will drive SDO at the start of bit 8.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written into the device (MSb first).
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
In multiple read/write commands further blocks of 8 clock periods will be added. When the
CTRL_REG8 (22h) (IF_ADD_INC) bit is ‘0’, the address used to read/write data remains the
same for every block. When the CTRL_REG8 (22h)(IF_ADD_INC) bit is ‘1’, the address
used to read/write data is increased at every block.
The function and the behavior of SDI and SDO remain unchanged.
4.2.1
SPI read
Figure 15. SPI read protocol
The SPI read command is performed with 16 clock pulses. A multiple byte read command is
performed by adding blocks of 8 clock pulses to the previous one.
bit 0: READ bit. The value is 1.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that will be read from the device (MSb
first).
bit 16-... : data DO(...-8). Further data in multiple byte reads.
CS
SPC
SDI
SDO
RW
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0
AD5 AD4 AD3 AD2 AD1 AD0
AD6


Similar Part No. - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
   always-on 3D accelerometer and 3D gyroscope
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
   iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS33TR STMICROELECTRONICS-LSM6DS33TR Datasheet
1Mb / 77P
   iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
   always-on 3D accelerometer and 3D gyroscope
LSM6DS3HTR STMICROELECTRONICS-LSM6DS3HTR Datasheet
1Mb / 104P
   always-on 3D accelerometer and 3D gyroscope
More results

Similar Description - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303D STMICROELECTRONICS-LSM303D Datasheet
1Mb / 52P
   Embedded temperature sensor
November 2013 Rev 2
LIS2HH12 STMICROELECTRONICS-LIS2HH12 Datasheet
1Mb / 47P
   Embedded temperature sensor
December 2015 Rev 5
L2G2IS STMICROELECTRONICS-L2G2IS Datasheet
621Kb / 26P
   Embedded temperature sensor
February 2016 Rev 2
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
   Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com