Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK42721-02 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # EK42721-02
Description  UltraCMOS짰 SPDT RF Switch 5??200 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42721-02 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  EK42721-02 Datasheet HTML 1Page - Peregrine Semiconductor EK42721-02 Datasheet HTML 2Page - Peregrine Semiconductor EK42721-02 Datasheet HTML 3Page - Peregrine Semiconductor EK42721-02 Datasheet HTML 4Page - Peregrine Semiconductor EK42721-02 Datasheet HTML 5Page - Peregrine Semiconductor EK42721-02 Datasheet HTML 6Page - Peregrine Semiconductor EK42721-02 Datasheet HTML 7Page - Peregrine Semiconductor EK42721-02 Datasheet HTML 8Page - Peregrine Semiconductor EK42721-02 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product Specification
PE42721
Page 5 of 12
Document No. DOC-13814-4 │ www.psemi.com
©2013-2016 Peregrine Semiconductor Corp. All rights reserved.
Figure 4. Insertion Loss (RFC-RFX)
Figure 5. Insertion Loss vs. Temp (RFC-RFX)
Figure 6. Insertion Loss vs. VDD (RFC-RFX)
Typical Performance Data @ 25°C and VDD = 3.3V unless otherwise specified


Similar Part No. - EK42721-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42722-01 PSEMI-EK42722-01 Datasheet
361Kb / 15P
   UltraCMOS SPDT RF Switch, 5-1794 MHz
EK42723-01 PSEMI-EK42723-01 Datasheet
525Kb / 17P
   UltraCMOS SPDT RF Switch, 5-1794 MHz
EK42724-01 PSEMI-EK42724-01 Datasheet
490Kb / 12P
   SPDT RF Switch, 5??794 MHz
More results

Similar Description - EK42721-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com