Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN16262 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # PN16262
Description  2.0 Degree Stepper Motor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PN16262 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  PN16262 Datasheet HTML 1Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features:
• Rare Earth Magnets
• Un-housed
• Redundant windings
Description:
A 2.0 degree stepper motor for high reliability applications.
Typically used on spacecraft and aerospace platforms.
Specifications
Specification
Value
Units
Basis
Step Angle
2.0
degrees
Nominal
Step Rate
17
pps
Maximum
Voltage
70
VDC
Maximum
Power
15
watts
Nominal
Km
39
in-oz√watts
Nominal
Running Torque
75
in-oz
70 volts @ 6 pps
Holding Torque Kt
700
in-oz/amp
Nominal
Holding Torque
80
in-oz
Minimum
Unpowered Torque
4
in-oz
Minimum
Phase Resistance
320
ohms
Nominal
Phase Inductance
115
mH
Nominal
Number of Phases/Poles
4/90
phase/poles
By Design
Redundant Windings
Yes
windings
By Design
Weight
2.5
pounds
Nominal
Cobham Advanced Electronic Solutions
Integrated Electronic Solutions
350 Kennedy Drive
Hauppauge, NY 11788
Tel:
1.631.231.9100
Email: motion.sales@cobham.com
Stepper Motor
2.0 Degree Stepper Motor
PN 16262
2016 Data Sheet
The most important thing we build is trust
www.cobham.com


Similar Part No. - PN16262

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
PN16224 AEROFLEX-PN16224 Datasheet
166Kb / 1P
   Rotary Voice Coil Actuator
PN16225 AEROFLEX-PN16225 Datasheet
149Kb / 1P
   1.8 Degree Hybrid Stepper Motor
PN16229 AEROFLEX-PN16229 Datasheet
162Kb / 1P
   1.8 Degree Stepper Motor with Gearhead
PN16239 AEROFLEX-PN16239 Datasheet
223Kb / 1P
   10 MM Stepper Motor with Gearhead
PN16250 AEROFLEX-PN16250 Datasheet
152Kb / 1P
   Stepper Motor with Gearhead
More results

Similar Description - PN16262

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
PN16305 AEROFLEX-PN16305 Datasheet
127Kb / 1P
   30 Degree Stepper Motor
PN16225 AEROFLEX-PN16225 Datasheet
149Kb / 1P
   1.8 Degree Hybrid Stepper Motor
PN16345 AEROFLEX-PN16345 Datasheet
152Kb / 1P
   1.8 Degree Hybrid Stepper Motor
PN16298 AEROFLEX-PN16298 Datasheet
135Kb / 1P
   1.8 Degree Hybrid Stepper Motor
PN16229 AEROFLEX-PN16229 Datasheet
162Kb / 1P
   1.8 Degree Stepper Motor with Gearhead
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
   STEPPER MOTOR
logo
Festo Corporation.
EMMS-ST-42-S-SEB-G2 FESTO-EMMS-ST-42-S-SEB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-28-L-SE FESTO-EMMS-ST-28-L-SE Datasheet
73Kb / 1P
   Stepper motor
EMMS-ST-42-S-SB-G2 FESTO-EMMS-ST-42-S-SB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-57-S-SB-G2 FESTO-EMMS-ST-57-S-SB-G2 Datasheet
80Kb / 1P
   Stepper motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com