Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4066RM13TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M74HC4066RM13TR
Description  QUAD BILATERAL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4066RM13TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M74HC4066RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 10Page - STMicroelectronics M74HC4066RM13TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M74HC4066
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8° (max.)
SO-14 MECHANICAL DATA
PO13G


Similar Part No. - M74HC4066RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4066 STMICROELECTRONICS-M74HC4066 Datasheet
258Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4066B1R STMICROELECTRONICS-M74HC4066B1R Datasheet
258Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4066C1R STMICROELECTRONICS-M74HC4066C1R Datasheet
258Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4066M1R STMICROELECTRONICS-M74HC4066M1R Datasheet
258Kb / 11P
   QUAD BILATERAL SWITCH
More results

Similar Description - M74HC4066RM13TR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com