Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 53 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 49Page - STMicroelectronics LSM330 Datasheet HTML 50Page - STMicroelectronics LSM330 Datasheet HTML 51Page - STMicroelectronics LSM330 Datasheet HTML 52Page - STMicroelectronics LSM330 Datasheet HTML 53Page - STMicroelectronics LSM330 Datasheet HTML 54Page - STMicroelectronics LSM330 Datasheet HTML 55Page - STMicroelectronics LSM330 Datasheet HTML 56Page - STMicroelectronics LSM330 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
DocID023426 Rev 3
53/75
LSM330
Register description
75
8.34
MASKA_1(5Ah)
Axis and sign mask (default) for state machine 1 motion-detection operation register (r/w).
8.35
SETT1 (5Bh)
Setting of threshold, peak detection and flags for state machine 1 motion-detection
operation register (r/w)
Table 63. MASKA_1 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 64. MASKA_1 register description
P_X
0 = X + disabled, 1 =X+ enabled. Default value: 0
N_X
0 = X - disabled, 1 = X – enabled. Default value: 0
P_Y
0 = Y+ disabled, 1 = Y+ enabled. Default value: 0
N_Y
0 = Y- disabled, 1 = Y– enabled. Default value: 0
P_Z
0 = Z+ disabled, 1 = Z + enabled. Default value: 0
N_Z
0 = Z - disabled, 1 = Z – enabled. Default value: 0
P_V
0 = V + disabled, 1 = V + enabled. Default value: 0
N_V
0 = V - disabled, 1 = V – enabled. Default value: 0
Table 65. SETT1 register
P_DET
THR3_SA ABS
-
-
THR3_MA
R_TAM
SITR
Table 66. SETT1 register description
P_DET
SM1 peak detection.Default value: 0
0 = peak detection disabled, 1 = peak detection enabled
THR3_SA
Default value: 0
0 = no action, 1 = Threshold 3 limit value for axis and sign mask reset (MASKB_1)
ABS
Default value: 0
0 = unsigned thresholds, 1 = signed thresholds
THR3_MA
Default value: 0
0 = no action, 1 = Threshold 3 limit value for axis and sign mask reset (MASKA_1)
R_TAM
Next condition validation flag. Default value: 0
0 = no valid next condition found, 1= valid next condition found and reset
SITR
Default value: 0
0 = no actions, 1 = program flow can be modified by STOP and CONT commands


Similar Part No. - LSM330

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330D STMICROELECTRONICS-LSM330D Datasheet
1Mb / 66P
   Low power mode
August 2012 Rev 2
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
   iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM330DLCTR STMICROELECTRONICS-LSM330DLCTR Datasheet
1Mb / 66P
   iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM330DLTR STMICROELECTRONICS-LSM330DLTR Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
More results

Similar Description - LSM330

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
492Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
February 2, 2012
ISL29027 INTERSIL-ISL29027 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com