Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 11 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 7Page - STMicroelectronics LSM330D Datasheet HTML 8Page - STMicroelectronics LSM330D Datasheet HTML 9Page - STMicroelectronics LSM330D Datasheet HTML 10Page - STMicroelectronics LSM330D Datasheet HTML 11Page - STMicroelectronics LSM330D Datasheet HTML 12Page - STMicroelectronics LSM330D Datasheet HTML 13Page - STMicroelectronics LSM330D Datasheet HTML 14Page - STMicroelectronics LSM330D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
LSM330D
Block diagram and pin description
Doc ID 022562 Rev 2
11/66
1.2
Pin description
Figure 2.
Pin connection
FILTVDD
FILTIN Y
(BOTTOM VIEW)
19
RES
RES
LSM330D
RES
18
28
5
1
4
15
DRDY_G/INT2_G
INT2_A
INT1_A
INT1_G
RES
14
X
1
Y
Z
DIRECTION OF
DETECTABLE
ACCELERATIONS
Z
DIRECTION OF
DETECTABLE
ANGULAR RATES
1
Y
z
X
X
X
AM10232V1
Table 2.
Pin description
Pin#
Name
Function
1
Res
Reserved connect to GND
2
Res
Reserved connect to GND
3
Res
Reserved connect to GND
4
Res
Reserved connect to GND
5GND
0 V supply
6
Vdd
Power supply
7
Vdd
Power supply
8
Vdd
Power supply
9
Res
Reserved connect to Vdd
10
Res
Reserved connect to Vdd
11
Res
Reserved connect to Vdd
12
Res
Reserved connect to Vdd
13
Res
Reserved connect to Vdd
14
Res
Leave unconnected
15
DRDY_G/
INT2_G
Gyroscope data ready/interrupt signal 2
16
INT1_G
Gyroscope interrupt signal 1
17
INT2_A
Accelerometer interrupt signal 2
18
INT1_A
Accelerometer interrupt signal 1
19
Vdd_IO
Power supply for IO pins


Similar Part No. - LSM330D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
   iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM330DLCTR STMICROELECTRONICS-LSM330DLCTR Datasheet
1Mb / 66P
   iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM330DLTR STMICROELECTRONICS-LSM330DLTR Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
More results

Similar Description - LSM330D

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9732 OMNIVISION-OV9732 Datasheet
740Kb / 2P
   low power mode (LPM) function
OV5695 OMNIVISION-OV5695 Datasheet
1Mb / 2P
   ultra low power mode (ULPM)
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800 Datasheet
93Kb / 8P
   Low Power Consumption Current Mode Controller
Rev.C, 30-Aug-04
logo
Rhombus Industries Inc.
L-11608 RHOMBUS-IND-L-11608 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
logo
TDK Electronics
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
   Analog Microphone with Low Power Mode
logo
Texas Instruments
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
logo
Rhombus Industries Inc.
L-699 RHOMBUS-IND-L-699 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
logo
Texas Instruments
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com