Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 9Page - STMicroelectronics LSM330D Datasheet HTML 10Page - STMicroelectronics LSM330D Datasheet HTML 11Page - STMicroelectronics LSM330D Datasheet HTML 12Page - STMicroelectronics LSM330D Datasheet HTML 13Page - STMicroelectronics LSM330D Datasheet HTML 14Page - STMicroelectronics LSM330D Datasheet HTML 15Page - STMicroelectronics LSM330D Datasheet HTML 16Page - STMicroelectronics LSM330D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
LSM330D
Module specifications
Doc ID 022562 Rev 2
13/66
2
Module specifications
2.1
Mechanical characteristics
@ Vdd = 3V, T = 25 °C unless otherwise noted (a)
a.
The product is factory calibrated at 3.0 V. The operational power supply range is from 2.4 V to 3.6 V.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration measurement
range(2)
User-selectable
±2
g
±4
±8
±16
G_FS
Angular rate
measurement range(3)
User-selectable
±250
dps
±500
±2000
LA_So
Linear acceleration sensitivity
FS = ±2 g
1
mg/digit
FS = ±4 g
2
FS = ±8 g
4
FS = ±16 g
12
G_So
Angular rate sensitivity
FS = ±250 dps
8.75
mdps/
digit
FS = ±500 dps
17.50
FS = ±2000 dps
70
LA_So
Linear acceleration sensitivity
change vs. temperature
FS = ±2 g
±0.05
%/°C
G_SoDr
Angular rate sensitivity change vs.
temperature
From -40 °C to +85 °C
±2
%
LA_TyOff
Linear acceleration typical zero-g
level offset accuracy(3)
FS bit set to 00
±60
mg
G_TyOff
Angular rate typical zero-rate
level(4)
FS = 250 dps
±10
dps
FS = 500 dps
±15
FS = 2000 dps
±25
LA_TCOff
Linear acceleration zero-g level
change vs. temperature
Max delta from 25 °C
±0.5
mg/°C
G_TCOff
Zero-rate level change vs.
temperature
±0.05
dps/°C
An
Acceleration noise density
FS = ±2 g, Normal mode
Table 9, ODR bit set to
1001 Table 19
220
µg/
Hz


Similar Part No. - LSM330D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
   iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM330DLCTR STMICROELECTRONICS-LSM330DLCTR Datasheet
1Mb / 66P
   iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM330DLTR STMICROELECTRONICS-LSM330DLTR Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
More results

Similar Description - LSM330D

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9732 OMNIVISION-OV9732 Datasheet
740Kb / 2P
   low power mode (LPM) function
OV5695 OMNIVISION-OV5695 Datasheet
1Mb / 2P
   ultra low power mode (ULPM)
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800 Datasheet
93Kb / 8P
   Low Power Consumption Current Mode Controller
Rev.C, 30-Aug-04
logo
Rhombus Industries Inc.
L-11608 RHOMBUS-IND-L-11608 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
logo
TDK Electronics
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
   Analog Microphone with Low Power Mode
logo
Texas Instruments
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
logo
Rhombus Industries Inc.
L-699 RHOMBUS-IND-L-699 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
logo
Texas Instruments
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com