Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM88C29J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM88C29J
Description  Quad Single-Ended, Dual Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM88C29J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM88C29J Datasheet HTML 1Page - National Semiconductor (TI) MM88C29J Datasheet HTML 2Page - National Semiconductor (TI) MM88C29J Datasheet HTML 3Page - National Semiconductor (TI) MM88C29J Datasheet HTML 4Page - National Semiconductor (TI) MM88C29J Datasheet HTML 5Page - National Semiconductor (TI) MM88C29J Datasheet HTML 6Page - National Semiconductor (TI) MM88C29J Datasheet HTML 7Page - National Semiconductor (TI) MM88C29J Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics
MinMax limits apply across temperature range unless otherwise noted (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT DRIVE
(Continued)
ISINK
Output Sink Resistance
MM78C29MM78C30
VOUT e 04V VCC e 450V
Tj e 25 C20
36
X
Tj e 125 C28
50
X
VOUT e 04V VCC e 10V
Tj e 25 C10
18
X
Tj e 125 C14
25
X
MM88C29MM88C30
VOUT e 04V VCC e 475V
Tj e 25 C18
41
X
Tj e 85 C22
50
X
VOUT e 04V VCC e 10V
Tj e 25 C10
21
X
Tj e 85 C12
26
X
Output Resistance
Temperature Coefficient
Source
055
% C
Sink
040
% C
iJA
Thermal Resistance
MM78C29MM78C30
100
CW
(D-Package)
MM88C29MM88C30
150
CW
(N-Package)
AC Electrical Characteristics TA e 25 C CL e 50 pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay Time to
Logical ‘‘1’’ or ‘‘0’’
(See
Figure 2 )
MM78C29MM88C29
VCC e 5V
80
200
ns
VCC e 10V
35
100
ns
MM78C30MM88C30
VCC e 5V
110
350
ns
VCC e 10V
50
150
ns
tpd
Differential Propagation Delay
RL e 100X CL e 5000 pF
Time to Logical ‘‘1’’ or ‘‘0’’
(See
Figure 1 )
MM78C30MM88C30
VCC e 5V
400
ns
VCC e 10V
150
ns
CIN
Input Capacitance
MM78C29MM88C29
(Note 3)
50
pF
MM78C30MM88C30
(Note 3)
50
pF
CPD
Power Dissipation Capacitance
MM78C29MM88C29
(Note 3)
150
pF
MM78C30MM88C30
(Note 3)
200
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90 (CMOS Logic Databook)
http
www nationalcom
3


Similar Part No. - MM88C29J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
MM88C29N FAIRCHILD-MM88C29N Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results

Similar Description - MM88C29J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Motorola, Inc
MC3481 MOTOROLA-MC3481 Datasheet
246Kb / 5P
   QUAD SINGLE ENDED LINE DRIVER
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
   QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2_14 Datasheet
247Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com