Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43703MLI-Z Datasheet(PDF) 14 Page - Peregrine Semiconductor

Part # PE43703MLI-Z
Description  50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43703MLI-Z Datasheet(HTML) 14 Page - Peregrine Semiconductor

Back Button PE43703MLI-Z Datasheet HTML 7Page - Peregrine Semiconductor PE43703MLI-Z Datasheet HTML 8Page - Peregrine Semiconductor PE43703MLI-Z Datasheet HTML 9Page - Peregrine Semiconductor PE43703MLI-Z Datasheet HTML 10Page - Peregrine Semiconductor PE43703MLI-Z Datasheet HTML 11Page - Peregrine Semiconductor PE43703MLI-Z Datasheet HTML 12Page - Peregrine Semiconductor PE43703MLI-Z Datasheet HTML 13Page - Peregrine Semiconductor PE43703MLI-Z Datasheet HTML 14Page - Peregrine Semiconductor PE43703MLI-Z Datasheet HTML 15Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Product Specification
PE43703
Page 14 of 15
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0245-05 │ UltraCMOS™ RFIC Solutions
Table 15. Ordering Information
Figure 34. Tape and Reel Drawing
Order Code Part Marking
Description
Package
Shipping Method
PE43703MLI
43703
PE43703 G - 32QFN 5x5mm-75A
Green 32-lead 5x5mm QFN
Bulk or tape cut from reel
PE43703MLI-Z
43703
PE43703 G – 32QFN 5x5mm-3000C
Green 32-lead 5x5mm QFN
3000 units / T&R
EK43703-01
43703
PE43703 G – 32QFN 5x5mm-EK
Evaluation Kit
1 / Box
Figure 35. Marking Specifications
43703
YYWW
ZZZZZ
YYWW = Date Code
ZZZZZ = Last five digits of Lot Number
Device Orientation in Tape
Top of
Device
Pin 1
Tape Feed Direction
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43703MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43703MLI-Z PEREGRINE-PE43703MLI-Z Datasheet
452Kb / 15P
   50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
More results

Similar Description - PE43703MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43704DS PSEMI-PE43704DS Datasheet
731Kb / 20P
   UltraCMOS짰 RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional VssEXT Bypass Mode 9 kHz - 8 GHz
logo
Peregrine Semiconductor...
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
logo
Peregrine Semiconductor...
PE43073 PEREGRINE-PE43073 Datasheet
452Kb / 15P
   50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE43704 PSEMI-PE43704_15 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
   50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com