Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPV1520 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPV1520
Description  20 V reverse voltage cool bypass switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1520 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPV1520 Datasheet HTML 4Page - STMicroelectronics SPV1520 Datasheet HTML 5Page - STMicroelectronics SPV1520 Datasheet HTML 6Page - STMicroelectronics SPV1520 Datasheet HTML 7Page - STMicroelectronics SPV1520 Datasheet HTML 8Page - STMicroelectronics SPV1520 Datasheet HTML 9Page - STMicroelectronics SPV1520 Datasheet HTML 10Page - STMicroelectronics SPV1520 Datasheet HTML 11Page - STMicroelectronics SPV1520 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SPV1520
Revision history
DocID023610 Rev 2
11/12
5
Revision history
Table 5: Document revision history
Date
Revision
Changes
31-Aug-2012
1
First release.
08-Oct-2015
2
Updated title, features, applications and description in cover page.
Removed in the device summary table the SPV1520D and replaced
with the SPV1520N.
Updated the table of maximum ratings.
Changed figure titled "Reverse current vs. reverse voltage" and
updated the rest of figures relative to the section titled “Electrical
characteristics”.
Inserted a new section titled "Recommended footprint on the
application board".
Updated the package information section.


Similar Part No. - SPV1520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
   Cool bypass switch for photovoltaic applications
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
315Kb / 12P
   Cool bypass switch for photovoltaic applications
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
305Kb / 12P
   Cool bypass switch for photovoltaic applications
November 2011 Rev 3
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
315Kb / 12P
   Cool bypass switch for photovoltaic applications
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
305Kb / 12P
   Cool bypass switch for photovoltaic applications
November 2011 Rev 3
More results

Similar Description - SPV1520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1002 STMICROELECTRONICS-SPV1002 Datasheet
302Kb / 12P
   Cool bypass switch for photovoltaic applications
SPV1001N40 STMICROELECTRONICS-SPV1001N40 Datasheet
211Kb / 9P
   Cool bypass switch for photovoltaic applications
SPV1002D40 STMICROELECTRONICS-SPV1002D40 Datasheet
302Kb / 12P
   Cool bypass switch for photovoltaic applications
SPV1001T40 STMICROELECTRONICS-SPV1001T40 Datasheet
305Kb / 12P
   Cool bypass switch for photovoltaic applications
November 2011 Rev 3
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
   Cool bypass switch for photovoltaic applications
SPV1001N30 STMICROELECTRONICS-SPV1001N30 Datasheet
211Kb / 9P
   Cool bypass switch for photovoltaic applications
logo
Analog Devices
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com