Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37905M4C-XXXSP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M37905M4C-XXXSP
Description  16 BIT CMOS MICROCOMPUTER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37905M4C-XXXSP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37905M4C-XXXSP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37905M4C-XXXSP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37905M4C-XXXSP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37905M4C-XXXSP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37905M4C-XXXSP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37905M4C-XXXSP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37905M4C-XXXSP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37905M4C-XXXSP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37905M4C-XXXSP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
M37905M4C-XXXFP, M37905M4C-XXXSP
M37905M6C-XXXFP, M37905M6C-XXXSP
M37905M8C-XXXFP, M37905M8C-XXXSP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
16-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
6
Fig. 1 (1) Memory map of M37905M4C-XXXFP/SP (Single-chip mode)
BASIC FUNCTION BLOCKS
These microcomputers contain the following devices in the single
chip: ROM, RAM, CPU, bus interface unit, and peripheral devices
such as the interrupt control circuit, timers, serial I/O,
A-D converter, D-A converter, I/O ports, clock generating circuit, etc.
MEMORY
Figures 1 (1) through (3) show the memory maps. The address
space is 64 Kbytes from addresses 016 through FFFF16. This ad-
dress space is called “bank 016”.
The internal ROM and RAM are allocated as shown in Figures 1 (1)
through (3).
Addresses FFB416 through FFFF16 contain the RESET and the in-
terrupt vector addresses, and the interrupt vectors are stored there.
For details, refer to the section on interrupts.
Allocated to addresses 016 through FF16 are peripheral devices such
as I/O ports, A-D converter, D-A converter, serial I/O, timers, interrupt
control registers, etc. Figures 2 and 3 show the location of SFRs.
INT4
A-D conversion
Reserved area
Reserved area
Address matching detect
Reserved area
INT5
INT6
INT7
Timer A5
UART1 transmit
UART1 receive
UART0 transmit
UART0 receive
Timer B2
Timer B1
Timer B0
Interrupt vector table
Timer A4
Timer A3
Timer A2
Timer A1
Timer A0
Watchdog timer
BRK instruction
Zero divide
INT3
INT2
INT1
INT0
Received area
RESET
DBC
00000016
Bank 016
00FFFF16
00000016
000C0016
0000FF16
00FFFE16
00FFB416
Internal RAM
1024 bytes
Internal ROM
32 Kbytes
Peripheral devices'
control registers
000FFF16
00100016
000BFF16
Unused area
Unused area
007FFF16
00800016
00FFB416
00FFFF16
Timer A6
Timer A7
Timer A8
Timer A9
UART2 receive
UART2 transmit
00000016
0000FF16
Peripheral devices'
control registers
(See Figures 2 and 3.)
00010016


Similar Part No. - M37905M4C-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37905M4C-XXXSP RENESAS-M37905M4C-XXXSP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37905M4C-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
   16 BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
   16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
   16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
   16-BIT CMOS MICROCOMPUTER
M37905F8CFP MITSUBISHI-M37905F8CFP Datasheet
362Kb / 34P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
   16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com