Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBR3012-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STBR3012-Y
Description  Automotive high voltage rectifier for bridge applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBR3012-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STBR3012-Y Datasheet HTML 1Page - STMicroelectronics STBR3012-Y Datasheet HTML 2Page - STMicroelectronics STBR3012-Y Datasheet HTML 3Page - STMicroelectronics STBR3012-Y Datasheet HTML 4Page - STMicroelectronics STBR3012-Y Datasheet HTML 5Page - STMicroelectronics STBR3012-Y Datasheet HTML 6Page - STMicroelectronics STBR3012-Y Datasheet HTML 7Page - STMicroelectronics STBR3012-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Package information
STBR3012-Y
4/8
DocID029945 Rev 1
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.55 N·m
Maximum torque value: 1.0 N·m


Similar Part No. - STBR3012-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR3012 STMICROELECTRONICS-STBR3012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
STBR3012W STMICROELECTRONICS-STBR3012W Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
More results

Similar Description - STBR3012-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR6012-Y STMICROELECTRONICS-STBR6012-Y Datasheet
307Kb / 8P
   Automotive high voltage rectifier for bridge applications
November 2016 Rev 1
STBR6012 STMICROELECTRONICS-STBR6012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
STBR3012 STMICROELECTRONICS-STBR3012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
   Motor bridge driver for automotive applications
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
   Motor bridge driver for automotive applications
logo
Infineon Technologies A...
1EDI2004AS INFINEON-1EDI2004AS Datasheet
3Mb / 138P
   High Voltage IGBT Driver for Automotive Applications
Rev. 2.0 2019-01-16
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
   Dual High Side Switch for H-Bridge Automotive Applications
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
   H-bridge gate driver for automotive applications
February 2021 Rev 6
logo
NTE Electronics
NTE504 NTE-NTE504 Datasheet
17Kb / 2P
   High Voltage Selenium Rectifier for TV Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com