Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37905M8C-XXXFP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M37905M8C-XXXFP
Description  16 BIT CMOS MICROCOMPUTER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37905M8C-XXXFP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M37905M8C-XXXFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37905M8C-XXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37905M8C-XXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37905M8C-XXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37905M8C-XXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37905M8C-XXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37905M8C-XXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37905M8C-XXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37905M8C-XXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
M37905M4C-XXXFP, M37905M4C-XXXSP
M37905M6C-XXXFP, M37905M6C-XXXSP
M37905M8C-XXXFP, M37905M8C-XXXSP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Som
e param
etric
lim
its are
subject
to change.
16-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
4
Memory expansion
Operating ambient temperature range
Device structure
Package
Ports’ input/output
characteristics
Power supply voltage
Power dissipation
Number of basic machine instructions
Instruction execution time
External clock input frequency f(XIN)
System clock frequency f(fsys)
Memory size
Programmable input/output
ports
Multi-functional timers
Serial I/O
A-D converter
D-A converter
Dead-time timer
Watchdog timer
Interrupts
Clock generating circuit
PLL frequency multiplier
ROM
RAM
P1, P2, P4, P6, P7
P5
P8
TA0–TA9
TB0–TB2
UART0, UART1, and UART2
FUNCTIONS
Functions
Parameter
nput/Output withstand voltage
utput current
Maskable interrups
Non-maskable interrups
203
50 ns (the fastest instruction at f(fsys) = 20 MHz)
20 MHz (Max.)
20 MHz (Max.)
(Note 1)
(Note 1)
8-bit ✕ 5
6-bit ✕ 1
4-bit ✕ 1
16-bit ✕ 10
16-bit ✕ 3
(UART or Clock synchronous serial I/O) ✕ 3
10-bit successive approximation method ✕ 1 (12 channels)
8-bit ✕ 2
8-bit ✕ 3
12-bit ✕ 1
8 external sources, 20 internal sources. Each interrupt can be set
to a priority level within the range of 0–7 by software.
3 internal sources
Incorporated (externally connected to a ceramic resonator or
quartz-crystal resonator).
The following multiplication ratios are available: ✕2, ✕3, ✕4.
5 V±0.5 V
125 mW (at f(fsys) = 20 MHz, Typ, ; the PLL frequency multiplier is inactive.)
5 V
5 mA
Not available (single-chip mode only).
–20 to 85 °C
CMOS high-performance silicon gate process
(Note 2)
2:
Packages
M37905M4C-XXXFP, M37905M6C-XXXFP, M37905M8C-XXXFP
64-pin plastic molded QFP (64P6N-A)
M37905M4C-XXXSP, M37905M6C-XXXSP, M37905M8C-XXXSP
64-pin shrink plastic moldeds DIP (64P4B)
M37905M4C-XXXFP, M37905M4C-XXXSP
M37905M6C-XXXFP, M37905M6C-XXXSP
M37905M8C-XXXFP, M37905M8C-XXXSP
M37905M4C-XXXFP, M37905M4C-XXXSP
M37905M6C-XXXFP, M37905M6C-XXXSP
M37905M8C-XXXFP, M37905M8C-XXXSP
ROM
RAM
32 Kbytes
48 Kbytes
60 Kbytes
1024 bytes
3072 bytes
3072 bytes
Notes 1:


Similar Part No. - M37905M8C-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37905M8C-XXXFP RENESAS-M37905M8C-XXXFP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37905M8C-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
   16 BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
   16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
   16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
   16-BIT CMOS MICROCOMPUTER
M37905F8CFP MITSUBISHI-M37905F8CFP Datasheet
362Kb / 34P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
   16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com