Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV1N3022BTR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTXV1N3022BTR
Description  1 WATT METAL CASE ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV1N3022BTR Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTXV1N3022BTR Datasheet HTML 1Page - Microsemi Corporation JANTXV1N3022BTR Datasheet HTML 2Page - Microsemi Corporation JANTXV1N3022BTR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 WATT METAL CASE ZENER DIODES
SCOTTSD A L E DIVISION
1N3016B thru 1N3051B
DESCRIPTION
APPEARANCE
This well established zener diode series for the 1N3016 thru 1N3051
JEDEC registration in the metal case DO-13 package provides a glass
hermetic seal for 6.8 to 200 volts. It is also well suited for high-reliability
applications where it is available in JAN, JANTX, and JANTXV military
qualifications.
Lower voltages are also available in the 1N3821 thru
1N3830 series (3.3 V to 7.5 V) in the same package (see separate data
sheet). Microsemi also offers numerous other Zener diode products for a
variety of other packages including surface mount.
DO-13
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Zener Voltage Range: 6.8V to 200V
Hermetically sealed DO-13 metal package
Internally solder-bonded construction.
Also available in JAN, JANTX, JANTXV
qualifications per MIL-PRF19500/115 by adding the
JAN, JANTX, or JANTXV prefixes to part numbers
for desired level of screening, e.g. JANTX1N3016B,
JANTXV1N3051B, etc.
Surface mount also available with 1N3016BUR-1
thru 1N3051BUR-1 series on separate data sheet
Regulates voltage over a broad operating current
and temperature range
Wide selection from 6.8 to 200 V
Tight voltage tolerances available
Low reverse (leakage) currents
Nonsensitive to ESD
Hermetically sealed metal package
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Operating Junction and Storage Temperatures:
-65
oC to +175oC
THERMAL RESISTANCE: 50
oC/W* junction to lead
at 0.375 inches (10 mm) from body or 110
oC/W
junction to ambient when leads are mounted on FR4
PC board with 4 mm
2 copper pads (1 oz) and track
width 1 mm, length 25 mm
DC Power Dissipation
*: 1.0 Watt at TL < +125oC 3/8”
(10 mm) from body or 1.0 Watts at TL < +65
oC when
mounted on FR4 PC board as described for thermal
resistance above (also see Fig 1)
Forward Voltage @ 200 mA: 1.5 Volts.
Solder Temperatures: 260
o C for 10 s (maximum)
CASE: DO-13 (DO-202AA), welded, hermetically
sealed metal and glass
FINISH: All external surfaces are Tin-Lead (Pb/Sn)
plated and solderable per MIL-STD-750 method
2026
POLARITY: Cathode connected case.
WEIGHT: 1.4 grams.
Tape & Reel option: Standard per EIA-296 (add
“TR” suffix to part number)
See package dimensions on last page
*
For further mounting reference, thermal resistance from junction to metal case may be reduced to < 20 oC/W
when mounting DO-13 metal case directly on heat sink.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-03-2003 REV A


Similar Part No. - JANTXV1N3022BTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV1N3001 MICROSEMI-JANTXV1N3001 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
JANTXV1N3001A MICROSEMI-JANTXV1N3001A Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
JANTXV1N3001B MICROSEMI-JANTXV1N3001B Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
JANTXV1N3001C MICROSEMI-JANTXV1N3001C Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
JANTXV1N3001D MICROSEMI-JANTXV1N3001D Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
More results

Similar Description - JANTXV1N3022BTR

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
1N3016B AMERICASEMI-1N3016B Datasheet
712Kb / 2P
   1 Watt Metal Case Zener Diodes
logo
Microsemi Corporation
JAN1N3024B-1 MICROSEMI-JAN1N3024B-1 Datasheet
280Kb / 5P
   1 Watt Glass Case Zener Diodes
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com