Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM48DH480T250B03 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PRM48DH480T250B03
Description  Building block for high efficiency DC-DC systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48DH480T250B03 Datasheet(HTML) 5 Page - Vicor Corporation

  PRM48DH480T250B03 Datasheet HTML 1Page - Vicor Corporation PRM48DH480T250B03 Datasheet HTML 2Page - Vicor Corporation PRM48DH480T250B03 Datasheet HTML 3Page - Vicor Corporation PRM48DH480T250B03 Datasheet HTML 4Page - Vicor Corporation PRM48DH480T250B03 Datasheet HTML 5Page - Vicor Corporation PRM48DH480T250B03 Datasheet HTML 6Page - Vicor Corporation PRM48DH480T250B03 Datasheet HTML 7Page - Vicor Corporation PRM48DH480T250B03 Datasheet HTML 8Page - Vicor Corporation PRM48DH480T250B03 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PRM
® Regulator
Rev 1.2
vicorpower.com
Page 5 of 23
7/2015
800 735.6200
PRM48DH480T250B03
4.0 FUNCTIONAL BLOCK DIAGRAM
+Vout
-Vout
+Vin
TM
PC
Temperature
dependent voltage
source
-Vin
VPC_EN
100uA
5V
2mA max
16V
Internal
Vcc
Regulator
3V
Vref
(130°C)
Fault Logic
TOFF
delay
R
L
Overtemperature
Protection
Modulator
Enable
Q1
Q2
Q3
Q4
Cout
Cin
PR
0.5mA
2.5mA Min
9V
Vin
(OV, UV)
Vout
(OV)
IF
Current Limit
Overcurrent
Protection
VIF_IL
VIF_OC
8.2V
RE
3 V @ 27°C
RE
VC
VTM Vc Start up pulse
Vs
9V
0.01uF
SG
uC 8051
3.3V
Linear
Regulator
PC
RE
Vout
Var. Vclamp
Vcc
14V
10ms
+Vout
Output
Discharge
(OD)
3.3V
Vcc
3.3V
Instant
latch
Latch after
120us
2130
PR
Q
Q
SET
CLR
S
R
10uA
Vcc
93.3k
PC
PR
Enable


Similar Part No. - PRM48DH480T250B03

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48DH480T250A03 VICOR-PRM48DH480T250A03 Datasheet
1Mb / 23P
   Building block for high efficiency DC-DC systems
More results

Similar Description - PRM48DH480T250B03

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48DH480T250A03 VICOR-PRM48DH480T250A03 Datasheet
1Mb / 23P
   Building block for high efficiency DC-DC systems
logo
Linear Technology
LT1088 LINER-LT1088_15 Datasheet
753Kb / 12P
   WIDEBAND RMS DC CONVERTER BUILDING BLOCK
logo
Skeleton Technologies. ...
102V88F SKELETON-102V88F Datasheet
410Kb / 2P
   A modular, high-power building block for supercapacitor systems
2022
logo
Linear Technology
LT1088 LINER-LT1088 Datasheet
750Kb / 12P
   Wideband RMS-DC Converter Building Block
logo
STMicroelectronics
STEVAL-ILL003V2 STMICROELECTRONICS-STEVAL-ILL003V2 Datasheet
100Kb / 4P
   DC-DC converter for high efficiency
November 2007 Rev 1
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com