Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPO-2 Datasheet(PDF) 9 Page - Vicor Corporation

Part # QPO-2
Description  QPO-2 Low Voltage Output Ripple Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPO-2 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button QPO-2 Datasheet HTML 3Page - Vicor Corporation QPO-2 Datasheet HTML 4Page - Vicor Corporation QPO-2 Datasheet HTML 5Page - Vicor Corporation QPO-2 Datasheet HTML 6Page - Vicor Corporation QPO-2 Datasheet HTML 7Page - Vicor Corporation QPO-2 Datasheet HTML 8Page - Vicor Corporation QPO-2 Datasheet HTML 9Page - Vicor Corporation QPO-2 Datasheet HTML 10Page - Vicor Corporation QPO-2 Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Picor Corporation • www.picorpower.com
QPO-2 Data Sheet Rev. 1.6 Page 9 of 11
Headroom Start-up Clamp Feature
This feature allows for pre-charging the Vref capacitance
to the level just below the steady state headroom voltage.
It reduces the time for the QPOout to reach the desired
regulation voltage and converter output overshoot that
results in the delay through the QPO filter during start-up.
The following formula can be used to calculate the RCP
resistor value to set the clamp at 90% of the final output
value. To set the clamp voltage to different percentages of
the output substitute the 0.90 with the desired factor.
The following is a summary of typical configurations that a
user can select for the QPO-2.
• No slope adjust, no peak detect, fixed headroom,
attenuation vs headroom graph in Figure 7 apply
• No slope adjust, peak detector enabled, headroom will
increase by the peak of the ripple amplitude
• Slope adjust enabled, no peak detect, headroom will
decrease with the increase in load current
• Slope adjust enabled, peak detector enabled,
headroom will vary with ripple amplitude and load
variations
The attributes of these features have been explained in
this datasheet. The optimum use of them requires an
understanding of the characteristics of the power supply
to be filtered.
RCP =
100k* (VQPOIN - 0.90 * VQPOOUT)
0.90 * VQPOOUT
0.1310
0.0880
0.0655
0.0880
15 places
0.0000
0.1000
0.3000
0.4410
0.3970
0.4850
0.0000
0.1000
0.3000
0.3970
0.4850
0.1500
0.1500
QPO Package Outline
QPO PCB Pad Pattern
(Top View)
4 places
0.492
0.2560
0.2060
Figure 11 - Recommended PCB receptor patterns. (dimensions in
inches)
QPO IN
QPO OUT
0.4410
0.4410
Vias to ground plane
Figure 12 - Recommended PCB copper lands for low thermal resistance.


Similar Part No. - QPO-2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPO-2EVAL1 VICOR-QPO-2EVAL1 Datasheet
69Kb / 2P
   Evaluation Board for QPO-2 Active Output Filter
QPO-2L VICOR-QPO-2L Datasheet
290Kb / 12P
   QPO-2L Low Voltage Output Ripple Attenuator
logo
Powerbox
QPO-2L POWERBOX-QPO-2L Datasheet
799Kb / 1P
   OUTPUT RIPPLE ATTENUATOR
More results

Similar Description - QPO-2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPO-2L VICOR-QPO-2L Datasheet
290Kb / 12P
   QPO-2L Low Voltage Output Ripple Attenuator
QPO-1 VICOR-QPO-1 Datasheet
1Mb / 17P
   QPO-1 Output Ripple Attenuation SIP
logo
Powerbox
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
   OUTPUT RIPPLE ATTENUATOR
logo
Vicor Corporation
QP0-2-EVAL1 VICOR-QP0-2-EVAL1 Datasheet
204Kb / 2P
   Evaluation Board for QPO-2 Active Output Filter
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
logo
Vicor Corporation
QPO-2EVAL1 VICOR-QPO-2EVAL1 Datasheet
69Kb / 2P
   Evaluation Board for QPO-2 Active Output Filter
logo
Wall Industries,Inc.
FB48S5-300 WALL-FB48S5-300 Datasheet
207Kb / 4P
   Very Low Output Ripple
logo
Vicor Corporation
VI-RAM VICOR-VI-RAM Datasheet
102Kb / 2P
   Ripple Attenuator Modules
logo
STMicroelectronics
STEVAL-ISA119V1 STMICROELECTRONICS-STEVAL-ISA119V1 Datasheet
184Kb / 4P
   High frequency output voltage ripple
June 2013 Rev 1
logo
Astec America, Inc
AV60C ASTEC-AV60C Datasheet
304Kb / 2P
   Low output ripple and noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com