Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T315V-85MQ6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T315V-85MQ6F
Description  Serial Access Phantom RTC Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315V-85MQ6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T315V-85MQ6F Datasheet HTML 5Page - STMicroelectronics M41T315V-85MQ6F Datasheet HTML 6Page - STMicroelectronics M41T315V-85MQ6F Datasheet HTML 7Page - STMicroelectronics M41T315V-85MQ6F Datasheet HTML 8Page - STMicroelectronics M41T315V-85MQ6F Datasheet HTML 9Page - STMicroelectronics M41T315V-85MQ6F Datasheet HTML 10Page - STMicroelectronics M41T315V-85MQ6F Datasheet HTML 11Page - STMicroelectronics M41T315V-85MQ6F Datasheet HTML 12Page - STMicroelectronics M41T315V-85MQ6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/24
M41T315Y*, M41T315V, M41T315W
Table 3. AC Electrical Characteristics (M41T315Y)
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V (except where noted).
2. tWR is a function of the latter occurring edge of WE or CEI.
3. tDH and tDS are functions of the first occurring edge of WE or CEI in RAM mode.
Symbol
Parameter(1)
Min
Typ
Max
Units
tAVAV
tRC
READ Cycle Time
65
ns
tELQV
tCO
CEI Access Time
55
ns
tGLQV
tOE
OE Access Time
55
ns
tELQX
tCOE
CEI to Output Low Z
5
ns
tGLQX
tOEE
OE to Output Low Z
5
ns
tEHQZ
tOD
CEI to Output High Z
25
ns
tGHQZ
tODO
OE to Output High Z
25
ns
tRR
READ Recovery
10
ns
tELEH
tCW
CEI Pulse Width
55
ns
tGLGH
tOW
OE Pulse Width
55
ns
tAVAV
tWC
WRITE Cycle
65
ns
tWLWH
tWP
WRITE Pulse Width
55
ns
tEHAX
tWHAX
tWR
(2)
WRITE Recovery
10
ns
tDVEH
tDVWH
tDS
(3)
Data Setup
30
ns
tEHDX
tWHDX
tDH
(3)
Data Hold Time
0
ns
tRST
RST Pulse Width
65
ns


Similar Part No. - M41T315V-85MQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T315V-85MQ6F STMICROELECTRONICS-M41T315V-85MQ6F Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
More results

Similar Description - M41T315V-85MQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com