Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIUU80-305 Datasheet(PDF) 2 Page - Total Power International

Part # TPIUU80-305
Description  Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIUU80-305 Datasheet(HTML) 2 Page - Total Power International

  TPIUU80-305 Datasheet HTML 1Page - Total Power International TPIUU80-305 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPU15C-110
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:480gsapprox.
3.InputconnectormateswithMolexhousing
09-52-4054andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing
09-52-4134andMolex2478seriescrimpterminal.
N/C
N/C
N/C
N/C
N/C
N/C
Vo2
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
Vo3
Vo3
TPIUU80-2XX
TPIUU80-215
PIN
MODEL
TPIUU80-3XX
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
PINCHART
1
2
3
4
5
6
7
8
9
10
11
12
13
1.Operating Temperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
DeratingC rve:
u
0%
-20
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPIUU80-200
TPIUU80-201
TPIUU80-202
TPIUU80-203
TPIUU80-204
TPIUU80-215
TPIUU80-300
TPIUU80-302
TPIUU80-303
TPIUU80-304
TPIUU80-305
TPIUU80-306
+3.3V
+3.3V
+
V
3.3
+5V
+5V
+5V
+5V
+3.3V
12
. A
1.2A
1.2A
12
. A
1.2A
12A
12A
12A
12A
12A
12A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-24V
+
V
12
+12V
+15V
+24V
+24V
+12V
0. A
5
0. A
5
0. A
5
0. A
3
0. A
5
0. A
5
5A
5A
5A
3A
5A
2A
5A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-15V
-24V
-12V
-5V
5%
5%
5%
5%
5%
80W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
80W
80W
80W
64.6W
80W
80W
80W
80W
80W
80W
80W
+5V
+5V
+5V
+5V
-12V
0A
5%
12A
1.2A
TPIUU80-300-1
+
V
3.3
+
V
12
0. A
5
5A
5%
80W
+12V
0A
5%
12A
1.2A
TPIUU80-301
+5V
5%
+12V
5%
-5V
0A
5%
80W
12A
1.2A
5A
TPIUU80-301-1
+5V
5%
+12V
5%
+5V
0A
5%
80W
12A
1.2A
5A
12A
5A
TPIUU80-302-1
+5V
5%
+12V
5%
+12V
5%
80W
12A
5A
12A
5A
TPIUU80-303-1
+5V
5%
+15V
5%
+15V
5%
80W
12A
5A
12A
3A
TPIUU80-304-1
+5V
5%
+24V
5%
+24V
5%
80W
12A
3A
08A
.
12A
3A
08A
.
TPIUU80-305-1
+5V
5%
+24V
5%
+12V
5%
80W
12A
3A
08A
.
12A
5A
08A
.
TPIUU80-306-1
+3.3V
7%
+12V
5%
+5V
5%
80W
12A
5A
08A
.
TPIUU80-308
+3.3V
7%
+ V
5
5%
-12V
5%
76.6W
12A
5A
1.0A
TPIUU80-308-1
+3.3V
7%
+ V
5
5%
+12V
5%
76.6W
12A
5A
1.0A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
7%
7%
0. A
5
0. A
5
0. A
5
0. A
5
0.5A
0. A
5
0. A
3
0. A
3
0. A
3
0. A
3
0. A
5
0. A
5
0. A
5
0. A
5
08A
.
08A
.
0A
TPIUU80-307
TPIUU80-307-1
+5V
5%
+
V
10
5%
- 0
1 V
5%
80W
12A
5A
1.0A
+5V
5%
+
V
10
5%
+10V
5%
80W
12A
5A
1.0A
1.2A
1.2A
0A
0A
0. A
5
0. A
5
TPIUU80 SERIES
80WUBracketType
IndustrialPowerSupplies
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPIUU80-305

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU81-200 TOTAL-POWER-TPIUU81-200 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU81-201 TOTAL-POWER-TPIUU81-201 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU81-202 TOTAL-POWER-TPIUU81-202 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU81-203 TOTAL-POWER-TPIUU81-203 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU81-204 TOTAL-POWER-TPIUU81-204 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results

Similar Description - TPIUU80-305

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU-81 TOTAL-POWER-TPIUU-81 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-250 TOTAL-POWER-TPIUU-250 Datasheet
368Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-100 TOTAL-POWER-TPIBU-100 Datasheet
292Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-120 TOTAL-POWER-TPIBU-120 Datasheet
545Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-150 TOTAL-POWER-TPIBU-150 Datasheet
283Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-180 TOTAL-POWER-TPIUU-180 Datasheet
482Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-100 TOTAL-POWER-TPSBU-100 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com