Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIUU61-203 Datasheet(PDF) 2 Page - Total Power International

Part # TPIUU61-203
Description  Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIUU61-203 Datasheet(HTML) 2 Page - Total Power International

  TPIUU61-203 Datasheet HTML 1Page - Total Power International TPIUU61-203 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
3~5VDC
5~6VDC
6~8VDC
8~11VDC
11~13VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~48VDC
16.66~10.0 A
11.00~9.16 A
10.00~7.50 A
7.87~5.72 A
5.72~4.84 A
4.09~3.46 A
4.84~3.93 A
3.93~3.00 A
3.00~2.33 A
2.33~1.90 A
1.90~1.57 A
1.57~1.31 A
5%
5%
5%
3%
3%
3%
3%
3%
2%
2%
2%
2%
50W
55W
60W
63W
63W
45W
63W
63W
63W
63W
63W
63W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
Pno
max.
(
)
Model
Number
Output#1
Vonom Iomin Iomax
Output#2
Output#3
Output#4
Max.Output
Powe
r
59.1W
63W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
63W
63W
48.1W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
59.8W
59.8W
53.5W
53.5W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
Vonom Iomin Iomax Regmax
Vonom Iomin Iomax Regmax
63W
Regmax
Regmax
Vonom Iomin Iomax
MechanicalSpecifications:
Note:
1.Dimensionsareshownin
mm.
2.Weight:425gsapprox.
inchesor
3.Inputconnectormateswithscrewterminal
(DINKLE#ESK750V-02P)(10-24AWG).
4.Outputconnectormateswithscrewterminal
(DINKLE#ESK750V-05P)(10-24AWG).
DeratingCrve:
u
0%
-20
0
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
1.OperatingTemperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°C
to50%loadat70°C
TPIUU61-101
TPIUU61-102
TPIUU61-103
TPIUU61-104
TPIUU61-105
TPIUU61-105-1
TPIUU61-106
TPIUU61-107
TPIUU61-108
TPIUU61-109
TPIUU61-110
TPIUU61-111
TPIUU61-200
TPIUU61-201
TPIUU61-202
+3.3V
+5V
+5V
+12V
+12V
+15V
1.4A
0.7A
0.7A
0.6A
0.3A
0.3A
7A
7A
7A
3A
3A
3A
6%
5%
5%
5%
5%
5%
TPIUU61-203
+5V
+24V
0.7A
0.4A
7A
2A
5%
5%
TPIUU61-204
+3.3V
+5V
1.4A
0.5A
7A
5A
6%
5%
TPIUU61-215
+5V
-24V
1.4A
0.2A
7A
2A
5%
5%
-12V
0A
0.8A
0.8A
5%
TPIUU61-300
+3.3V
+12V
1.2A
0.6A
6A
3A
6%
5%
+12V
0A
5%
TPIUU61-300-1
+3.3V
+12V
1.2A
0.6A
6A
3A
6%
5%
0.8A
-5V
0A
5%
TPIUU61-301
+5V
+5V
+5V
+5V
+5V
+5V
+12V
0.6A
0.3A
6A
3A
5%
5%
0.8A
+5V
0A
5%
TPIUU61-301-1
+12V
0.6A
0.3A
6A
3A
5%
5%
0.8A
-12V
0A
5%
TPIUU61-302
+12V
0.6A
0.6A
6A
3A
5%
5%
0.8A
+12V
0A
5%
TPIUU61-302-1
+12V
0.6A
0.6A
6A
3A
5%
5%
0.8A
-15V
0A
5%
TPIUU61-303
+15V
0.6A
0.3A
6A
3A
5%
5%
0.8A
+15V
0A
5%
TPIUU61-303-1
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
-12V
0A
5%
TPIUU61-305
+24V
1.2A
0.4A
6A
2A
5%
5%
+5V
0.8A
+12V
0A
5%
TPIUU61-305-1
+24V
1.2A
0.4A
6A
2A
5%
5%
+3.3V
+3.3V
0.8A
-5V
0A
5%
TPIUU61-306
+12V
1.2A
0.6A
6A
3A
6%
5%
0.8A
+5V
0A
5%
TPIUU61-306-1
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
+3.3V
+3.3V
1A
-12V
0A
5%
TPIUU61-308
+5V
0.5A
0.5A
5A
5A
6%
5%
1A
+12V
0A
5%
TPIUU61-308-1
+5V
0.5A
0.5A
5A
5A
6%
5%
0.8A
0.8A
-12V
-5V
0A
0A
5%
5%
TPIUU61-400
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
-12V
+5V
0A
0A
5%
5%
TPIUU61-400-1
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
+12V
-5V
0A
0A
5%
5%
TPIUU61-400-2
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
+12V
+5V
0A
0A
5%
5%
TPIUU61-400-3
+12V
1.2A
0.6A
6A
3A
6%
5%
+5V
0.8A
0.8A
-12V
-5V
0A
0A
5%
5%
TPIUU61-401
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+5V
0A
0A
5%
5%
TPIUU61-401-1
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-5V
0A
0A
5%
5%
TPIUU61-401-2
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+5V
0A
0A
5%
5%
TPIUU61-401-3
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
-12V
0A
0A
5%
5%
TPIUU61-402
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+12V
0A
0A
5%
5%
TPIUU61-402-1
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-12V
0A
0A
5%
5%
TPIUU61-402-2
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+12V
0A
0A
5%
5%
TPIUU61-402-3
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
-24V
0A
0A
5%
5%
TPIUU61-403
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+24V
0A
0A
5%
5%
TPIUU61-403-1
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-24V
0A
0A
5%
5%
TPIUU61-403-2
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+24V
0A
0A
5%
5%
TPIUU61-403-3
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-15V
-5V
0A
0A
5%
5%
TPIUU61-404
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-15V
+5V
0A
0A
5%
5%
TPIUU61-404-1
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+15V
-5V
0A
0A
5%
5%
TPIUU61-404-2
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+15V
+5V
0A
0A
5%
5%
TPIUU61-404-3
+15V
0.6A
0.3A
6A
3A
5%
5%
TPIUU61-4XX
TPIUU61-3XX
TPIUU61-2XX
TPIUU61-1XX
PIN
MODEL
OUT
Vo2
Vo2
Vo3
Vo3
Vo4
Vo3
Vo2
Vo1
Vo1
Vo1
Vo1
OUT
RTN
RTN
N/C
N/C
N/C
N/C
COM
COM
COM
COM
N/C
RTN
RTN
RTN
RTN
RTN
RTN
TPIUU61-215
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
Vo4:Output#4
PINCHART
PFD (Optional)
1
2
3
4
5
OUT
OUT
OUT
OUT
OUT
Otherconnector
1
2
TPIUU61 SERIES
63WUBracketType
IndustrialPowerSupplies
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPIUU61-203

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU60-101 TOTAL-POWER-TPIUU60-101 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-102 TOTAL-POWER-TPIUU60-102 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-103 TOTAL-POWER-TPIUU60-103 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-104 TOTAL-POWER-TPIUU60-104 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-105 TOTAL-POWER-TPIUU60-105 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
More results

Similar Description - TPIUU61-203

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU-60 TOTAL-POWER-TPIUU-60 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIBU-61 TOTAL-POWER-TPIBU-61 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-62 TOTAL-POWER-TPIUU-62 Datasheet
288Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-63 TOTAL-POWER-TPIUU-63 Datasheet
277Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-250 TOTAL-POWER-TPIUU-250 Datasheet
368Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com