Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIUU120-200 Datasheet(PDF) 2 Page - Total Power International

Part # TPIUU120-200
Description  Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIUU120-200 Datasheet(HTML) 2 Page - Total Power International

  TPIUU120-200 Datasheet HTML 1Page - Total Power International TPIUU120-200 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPU15C-110
5~6VDC
3~5VDC
6~9VDC
9~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~50VDC
22.00~20.00 A
22.00~18.33 A
19.16~12.77 A
13.33~10.90 A
10.90~9.23 A
9.23~7.50 A
7.50~5.71 A
5.71~4.44 A
4.44~3.63 A
3.63~3.00 A
3.00~2.40 A
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
5%
5%
4%
3%
3%
3%
2%
2%
2%
2%
5%
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
110W
115W
120W
120W
120W
120W
120W
120W
120W
120W
100W
5W
5W
5W
5W
5W
5W
5W
5W
5W
5W
5W
TPIUU120-101
TPIUU120-102
TPIUU120-103
TPIUU120-104
TPIUU120-105
TPIUU120-106
TPIUU120-107
TPIUU120-108
TPIUU120-109
TPIUU120-110
TPIUU120-111
+3.3V
+3.3V
+
V
28
+3.3V
+5V
+5V
+5V
+5V
+5V
+3.3V
1.5A
1.5A
1.5A
1.5A
1. A
5
1.5A
0. A
4
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
15A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
+12V
+12V
+15V
+24V
+5V
+12V
+12V
+12V
+15V
+24V
+24V
+12V
0. A
6
0. A
8
0. A
6
0. A
4
0. A
8
0. A
6
0. A
8
0. A
8
1.0A
0.
A
45
0. A
4
0. A
8
6A
6A
6A
3.5A
6A
6A
6A
6A
6A
3.5A
6A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-5V
-12V
-15V
-24V
-12V
-5V
0A
0A
0A
0A
0A
0A
0.8A
0.8A
0.8A
0.8A
0. A
8
0.8A
0.8A
5%
5%
5%
5%
5%
5%
5%
120W
120W
120W
1 0
2 W
79.5W
1 0
2 W
120W
120W
120W
120W
120W
120W
120W
120W
+5V
+5V
+5V
+5V
15A
15A
15A
15A
15A
3.92A
15A
15A
15A
15A
15A
15A
15A
+3.3V
1.5A
5%
+12V
0. A
6
6A
5%
+12V
0A 0.8A
5%
120W
15A
+5V
1.5A
5%
+12V
0. A
8
6A
5%
+5V
0A 0.8A
5%
120W
15A
+5V
1.5A
5%
+12V
0. A
8
6A
5%
+12V
0A 0.8A
5%
120W
15A
+5V
1.5A
5%
+15V
1.0A
6A
5%
+15V
0A 0.8A
5%
120W
15A
+5V
1.5A
5%
+24V 0.
A
45
3.5A
5%
+24V 0
A
.25
0. A
8
5%
120W
15A
3.5A
+5V
1.5A
5%
+24V
0. A
4
5%
+12V
0A 0.8A
5%
120W
15A
3.5A
+3.3V
1.5A
5%
+12V
0. A
8
6A
5%
+5V
0A 0.8A
5%
120W
15A
+ V
5
1.5A
5%
+1 V
0
0. A
6
6A
5%
-10V
0A 1.0A
5%
120W
15A
+ V
5
1.5A
5%
+1 V
0
0. A
6
6A
5%
+10V
0A 1.0A
5%
120W
15A
+
V
3.3
1.5A
5%
+ V
5
0. A
8
6A
5%
-12V
0A 1.0A
5%
91.5W
15A
+
V
3.3
1.5A
5%
+ V
5
0. A
8
6A
5%
+12V
0A 1.0A
5%
15A
91.5W
0
A
.25
-24V
+5V
0. A
2
0A
2A
5%
5%
2A
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
TPIUU120-200
TPIUU120-201
TPIUU120-202
TPIUU120-203
TPIUU120-204
TPIUU120-215
TPIUU120-219
TPIUU120-300
TPIUU120-301
TPIUU120-302
TPIUU120-303
TPIUU120-304
TPIUU120-305
TPIUU120-306
TPIUU120-300-1
TPIUU120-301-1
TPIUU120-302-1
TPIUU120-303-1
TPIUU120-304-1
TPIUU120-305-1
TPIUU120-306-1
TPIUU120-307
TPIUU120-307-1
TPIUU120-308
TPIUU120-308-1
OUT
OUT
OUT
OUT
OUT
OUT
RTN
RTN
RTN
RTN
RTN
RTN
PFD
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
COM
COM
PFD
PFD
Vo2
COM
COM
COM
COM
Vo3
N/C
COM
COM
COM
COM
N/C
PFD
N/C
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
Vo3
N/C
PFD
N/C
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
Vo3
TPIUU120-3XX
TPIUU120-2XX
TPIUU120-219
TPIUU120-1XX
PIN
MODEL
TPIUU120-215
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
PINCHART
1
2
3
4
5
6
7
8
9
10
11
12
13
(Optional)
1.Operating Temperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
DeratingC rve:
u
0%
-20
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
TPIUU120 SERIES
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:476~582gsapprox.
3.InputconnectormateswithMolexhousing09-52-4054andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing09-52-4134andMolex2478seriescrimpterminal.
IUU120
120WUBracketType
IndustrialPowerSupplies
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPIUU120-200

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU100-101 TOTAL-POWER-TPIUU100-101 Datasheet
257Kb / 2P
   100W U Bracket Type Industrial Power Supplies
TPIUU100-102 TOTAL-POWER-TPIUU100-102 Datasheet
257Kb / 2P
   100W U Bracket Type Industrial Power Supplies
TPIUU100-103 TOTAL-POWER-TPIUU100-103 Datasheet
257Kb / 2P
   100W U Bracket Type Industrial Power Supplies
TPIUU100-105 TOTAL-POWER-TPIUU100-105 Datasheet
257Kb / 2P
   100W U Bracket Type Industrial Power Supplies
TPIUU100-106 TOTAL-POWER-TPIUU100-106 Datasheet
257Kb / 2P
   100W U Bracket Type Industrial Power Supplies
More results

Similar Description - TPIUU120-200

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU-80 TOTAL-POWER-TPIUU-80 Datasheet
273Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-81 TOTAL-POWER-TPIUU-81 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-250 TOTAL-POWER-TPIUU-250 Datasheet
368Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-100 TOTAL-POWER-TPIBU-100 Datasheet
292Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-120 TOTAL-POWER-TPIBU-120 Datasheet
545Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-150 TOTAL-POWER-TPIBU-150 Datasheet
283Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-180 TOTAL-POWER-TPIUU-180 Datasheet
482Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-100 TOTAL-POWER-TPSBU-100 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com