Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS100-23 Datasheet(PDF) 2 Page - Total Power International

Part # TPS100-23
Description  SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS100-23 Datasheet(HTML) 2 Page - Total Power International

  TPS100-23 Datasheet HTML 1Page - Total Power International TPS100-23 Datasheet HTML 2Page - Total Power International TPS100-23 Datasheet HTML 3Page - Total Power International TPS100-23 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPS100
SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS100-10
+5V
±
10% Typical
18A
29.7A
0A
±
3%
±
1%
150W Typical
TPS100-11
+12V
±
10% Typical
7.5A
12.4A
0A
±
3%
±
1%
150W Typical
TPS100-12
+15V
±
10% Typical
6A
9.9A
0A
±
3%
±
1%
150W Typical
TPS100-13
+24V
±
10% Typical
3.75A
6.2A
0A
±
3%
±
1%
150W Typical
TPS100-14
+48V
±
10% Typical
1.875A
3.1A
0A
±
3%
±
1%
150W Typical
TPS100-15
+13.5V
±
10% Typical
6.66A
10.9A
0A
±
3%
±
1%
150W Typical
TPS100-16
+56V
±
10% Typical
1.6A
2.6A
0A
±
3%
±
1%
150W Typical
TPS100-17
+18V
±
10% Typical
5A
2.6A
0A
±
3%
±
1%
150W Typical
TPS100-18
+3.3V
±
10% Typical
25A
41.3A
0A
±
5%
±
1.5%
150W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
TPS100-20
+12V
Fixed
4.2A
6.9A
0.42A
±
5%
±
1%
150W Typical
+5 V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
TPS100-21
+24V
Fixed
2.2A
3.6A
0.22A
±
5%
±
1%
150W Typical
+5 V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
TPS100-22
- 5 V
Fixed
10A
16.5A
1A
±
5%
±
1%
150W Typical
+12V
±
10% Typical
4.2A
6.9A
0.42A
±
5%
±
1%
TPS100-23
- 12 V
Fixed
4.2A
6.9A
0.42A
±
5%
±
1%
150W Typical
+15 V
±
10% Typical
3.4A
5.6A
0.34A
±
5%
±
1%
TPS100-24
- 15 V
Fixed
3.4A
5.6A
0.34A
±
5%
±
1%
150W Typical
+3.3V
±
10% Typical
17A
28A
1.7A
±
5%
±
1.5%
TPS100-25
+12 V
Fixed
1A
1.6A
0.1A
±
5%
±
1%
150W Typical
+ 5 V
±
10% Typical
1A
1.6A
0.1A
±
5%
±
1%
TPS100-26
+48V
Fixed
2A
3.3A
0.2A
±
5%
±
1%
150W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
TPS100-30
+12V
Fixed
4A
6.6A
0.4A
±
5%
±
1%
- 5 V
Fixed
0.6A
1A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
TPS100-31
+12V
Fixed
4A
6.6A
0.4A
±
5%
±
1%
-12V
Fixed
0.6A
1A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
TPS100-32
+15V
Fixed
2.8A
4.6A
0.28A
±
5%
±
1%
-15V
Fixed
0.6A
1A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
14A
23.1A
1.4A
±
5%
±
1%
+15V
Fixed
2A
3.3A
0.2A
±
5%
±
1%
TPS100-33
- 5 V
Fixed
0.5A
0.8A
0.05A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
13A
21.5A
1.3A
±
5%
±
1%
+15V
Fixed
2A
3.3A
0.2A
±
5%
±
1%
TPS100-34
-12V
Fixed
0.6A
1A
0.06A
±
10%
±
1%
150W Typical
+ 5 V
±
10% Typical
9A
14.9A
0.9A
±
5%
±
1%
+24V
Fixed
2A
3.3A
0.2A
±
5%
±
1%
TPS100-35
-12V
Fixed
0.6A
1A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
9A
14.9A
0.9A
±
5%
±
1%
+12V
Fixed
3.5A
5.8A
0.35A
±
5%
±
1%
TPS100-36
- 12V
Fixed
0.6A
1A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
9A
14.9A
0.9A
±
5%
±
1%
+12V
Fixed
3.5A
5.8A
0.35A
±
5%
±
1%
TPS100-37
+24V
Fixed
0.6A
1A
0.06A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
6A
9.9A
0.6A
±
5%
±
1%
+12V
Fixed
2A
3.3A
0.2A
±
5%
±
1%
TPS100-38
+48V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
150W Typical
TOTAL POWER INT'L.
TEL:877-646-0900
FAX:978-453-7395
E-mail:sales@total-power.com
http://www.total-power.com
-2-


Similar Part No. - TPS100-23

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS100-23 TOTAL-POWER-TPS100-23 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
More results

Similar Description - TPS100-23

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS-150 TOTAL-POWER-TPS-150 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150 TOTAL-POWER-TPS150 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS350 TOTAL-POWER-TPS350 Datasheet
1Mb / 4P
   SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-350 TOTAL-POWER-TPS-350 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-180P TOTAL-POWER-TPS-180P Datasheet
948Kb / 4P
   TPS180 SWITCHING MODE 180W U CHANNEL POWER SUPPLY
logo
Astrodyne Corporation
SUU250 ASTRODYNE-SUU250 Datasheet
305Kb / 2P
   250W U-bracket Switching Power Supplies For I.T.E.
SUU81 ASTRODYNE-SUU81 Datasheet
453Kb / 2P
   80W U-bracket Switching Power Supplies For I.T.E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com