Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33388D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC33388D
Description  Fault Tolerant CAN Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33388D Datasheet(HTML) 2 Page - Motorola, Inc

  MC33388D Datasheet HTML 1Page - Motorola, Inc MC33388D Datasheet HTML 2Page - Motorola, Inc MC33388D Datasheet HTML 3Page - Motorola, Inc MC33388D Datasheet HTML 4Page - Motorola, Inc MC33388D Datasheet HTML 5Page - Motorola, Inc MC33388D Datasheet HTML 6Page - Motorola, Inc MC33388D Datasheet HTML 7Page - Motorola, Inc MC33388D Datasheet HTML 8Page - Motorola, Inc MC33388D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MC33388
MOTOROLA
2
MC33388
MAXIMUM RATING
Ratings
Symbol
Min
Typ
Max
Unit
DC Supply Voltage Pin 10
VDD
-0.3
6
V
DC Voltage On Pins 2, 3, 4, 5, 6 and 7
VDD
-0.3
VDD + 0.3
V
DC Voltage On Pins 11, 12
VBUS
-20
+27
V
Transient Voltage At Pins 11, 12
0 < VDD < 5.5V ; VBAT≥ 0 ; T < 500ms
VCANH/VCANL
-40
40
V
Transient Voltage On Pins 11, 12 (Coupled Through 1nF
Capacitor)
Vtr
-150
100
V
DC Voltage On Pin 7
Vwake
VBAT +0.3
V
Current In Pin 7
I wake
-15
3
mA
DC Voltage On Pins 1
Vinh
-0.3
VBAT + 0.3
V
DC Voltage On Pins 8, 9
Vrtl, Vrth
-0.3
40
V
DC Voltage On Pins 14
VBAT
-0.3
27
V
Voltage On Pins 14 (Load Dump, 500ms)
VBAT
40
V
ESD Voltage On Any Pins (HBM.100pF ; 1.5k
Ω)
VESD
-3.0
3.0
kV
ESD Voltage On Any Pins (MM.200pF ; 0
Ω)
VESD
-200
200
V
Junction Temperature
Tj
-40
150
°C
Storage Temperature
Tstg
-55
150
°C
RTH, RTL Termination Resistance
Rt
500
16000
THERMAL RATINGS
Ratings
Symbol
Value
Unit
Thermal Resistance From Junction To Ambient
Rth j/a
120
°C/W
ELECTRICAL CHARACTERISTICS V
DD = 4,75 to 5,25 ; VBAT=6 to 27V ; Tamb = -40 to 125°C unless otherwise specified
Conditions
Symbol
Min
Typ
Max
Unit
SUPPLY
Vdd Supply Current (Normal Mode)
TX= VDD, Recessive State
IVDD
2.3
3
mA
Vdd Supply Current (Normal Mode)
TX = 0V, No Load, Dominant State
IVDD
3.3
5
mA
Vbat Supply Current (Normal Mode)
TX = VDD
IBAT
150
300
µA
Total Supply Current (Receive Only Mode)
VDD = 5V ; VBAT = 12V
IVDD + IBAT
0.85
1.2
mA
Total Supply Current (Vbat Standby Mode)
VDD = 5V ; VBAT = 12V
IVDD + IBAT
20
40
µA
Vbat Supply Current (Sleep Mode)
VDD = 0V ; VBAT = 12V
IBAT
15
25
µA


Similar Part No. - MC33388D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33388D FREESCALE-MC33388D Datasheet
585Kb / 28P
   Fault Tolerant CAN Interface
More results

Similar Description - MC33388D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33388 FREESCALE-MC33388 Datasheet
585Kb / 28P
   Fault Tolerant CAN Interface
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
Infineon Technologies A...
TLE6262G INFINEON-TLE6262G Datasheet
809Kb / 38P
   Fault Tolerant CAN - LDO
version 2.03 2002-03-20
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com