Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

768772152 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 768772152
Description  WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

768772152 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  768772152_16 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 768772152_16 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 768772152_16 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 768772152_16 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 768772152_16 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
5
±0
,5
0,7
O
ref.
Scale - 2:1
Start of Winding
Marking
152 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
5
Scale - 2:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 250 mV
L
1500
µH
±10
Rated Current
ΔT = 40 K
IR
0.38
A
max.
Saturation Current
|ΔL/L| < 10 %
ISAT
0.4
A
typ.
DC Resistance
@ 20 °C
RDC
2.6
typ.
DC Resistance
@ 20 °C
RDC
3
max.
Self Resonant Frequency
fres
1.5
MHz
typ.
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +40 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
400 VDC surge proof according WE-STD 1516
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
StV
DIN ISO 2768-1m
DESCRIPTION
WE-TI HV Radial Leaded Wire
Wound Inductor (High Voltage)
ORDER CODE
768772152
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
8095
003.000
Valid
2016-11-07
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 768772152_16

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
768772152 WURTH-768772152 Datasheet
89Kb / 1P
   WE-TI High Voltage
More results

Similar Description - 768772152_16

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7687480102 WURTH-7687480102 Datasheet
760Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
003.001
768772332 WURTH-768772332 Datasheet
698Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
006.000
7687480122 WURTH-7687480122 Datasheet
760Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
001.000
7687480332 WURTH-7687480332 Datasheet
760Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
001.001
7687480121 WURTH-7687480121 Datasheet
760Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
003.001
7687480681 WURTH-7687480681 Datasheet
760Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
001.000
768772122 WURTH-768772122_16 Datasheet
297Kb / 5P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
7687480222 WURTH-7687480222 Datasheet
802Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
002.001
7687480152 WURTH-7687480152 Datasheet
760Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
001.000
7687480471 WURTH-7687480471 Datasheet
802Kb / 7P
   WE-TI HV Radial Leaded Wire Wound Inductor (High Voltage)
002.001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com