Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0816 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC0816
Description  8-Bit Compatible A/D Converters with16-Channel Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0816 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC0816_17 Datasheet HTML 3Page - Texas Instruments ADC0816_17 Datasheet HTML 4Page - Texas Instruments ADC0816_17 Datasheet HTML 5Page - Texas Instruments ADC0816_17 Datasheet HTML 6Page - Texas Instruments ADC0816_17 Datasheet HTML 7Page - Texas Instruments ADC0816_17 Datasheet HTML 8Page - Texas Instruments ADC0816_17 Datasheet HTML 9Page - Texas Instruments ADC0816_17 Datasheet HTML 10Page - Texas Instruments ADC0816_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ADC0816, ADC0817
www.ti.com
SNAS527C – JUNE 1999 – REVISED MARCH 2013
Additional single-ended analog signals can be multiplexed to the A/D converter by disabling all the multiplexer
inputs using the expansion control. The additional external signals are connected to the comparator input and the
device ground. Additional signal conditioning (i.e., prescaling, sample and hold, instrumentation amplification,
etc.) may also be added between the analog input signal and the comparator input.
CONVERTER CHARACTERISTICS
The Converter
The heart of this single chip data acquisition system is its8-bit analog-to-digital converter. The converter is
designed to give fast, accurate, and repeatable conversions over a wide range of temperatures. The converter is
partitioned into 3 major sections: the 256R ladder network, the successive approximation register, and the
comparator. The converter's digital outputs are positive true.
The 256R ladder network approach Figure 1 was chosen over the conventional R/2R ladder because of its
inherent monotonicity, which specifies no missing digital codes. Monotonicity is particularly important in closed
loop feedback control systems. A non-monotonic relationship can cause oscillations that will be catastrophic for
the system. Additionally, the 256R network does not cause load variations on the reference voltage.
The bottom resistor and the top resistor of the ladder networking Figure 1 are not the same value as the
remainder of the network. The difference in these resistors causes the output characteristic to be symmetrical
with the zero and full-scale points of the transfer curve. The first output transition occurs when the analog signal
has reached + ½ LSB and succeeding output transitions occur every 1 LSB later up to full-scale.
Figure 1. Resistor Ladder and Switch Tree
Figure 2. 3-Bit A/D Transfer Curve
Figure 3. 3-Bit A/D Absolute Accuracy Curve
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC0816 ADC0817


Similar Part No. - ADC0816_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0816 TI1-ADC0816_14 Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
More results

Similar Description - ADC0816_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INS8292N TI-INS8292N Datasheet
510Kb / 18P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816 TI1-ADC0816_14 Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
[Old version datasheet]   8-Bit Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com