Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1230IPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1230IPWR
Description  20-Bit Analog-to-Digital Converter For Bridge Sensors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1230IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1230IPWR Datasheet HTML 6Page - Texas Instruments ADS1230IPWR Datasheet HTML 7Page - Texas Instruments ADS1230IPWR Datasheet HTML 8Page - Texas Instruments ADS1230IPWR Datasheet HTML 9Page - Texas Instruments ADS1230IPWR Datasheet HTML 10Page - Texas Instruments ADS1230IPWR Datasheet HTML 11Page - Texas Instruments ADS1230IPWR Datasheet HTML 12Page - Texas Instruments ADS1230IPWR Datasheet HTML 13Page - Texas Instruments ADS1230IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
R
INT
R
INT
R
F1
R
1
R
F2
ADC
A3
Gain=1or2
CAP
AINP
CAP
A2
A1
450W
18pF
AINN
450W
18pF
ADS1230
SBAS366B – OCTOBER 2006 – REVISED SEPTEMBER 2012
www.ti.com
OVERVIEW
input ranges from 0mV to +39mV (Gain = 64) or 0mV
to +19.5mV (Gain = 128). The inputs of the ADS1230
The ADS1230 is a precision, 20-bit ADC that includes
are protected with internal diodes connected to the
a low-noise PGA, internal oscillator, third-order delta-
power-supply rails. These diodes clamp the applied
sigma (
ΔΣ) modulator, and fourth-order digital filter.
signal to prevent it from damaging the input circuitry.
The ADS1230 provides a complete front-end solution
for bridge sensor applications such as weigh scales,
strain guages, and pressure sensors.
Clocking can be supplied by an external clock or by a
precision internal oscillator. Data can be output at
10SPS for excellent 50Hz and 60Hz rejection, or at
80SPS
when
higher
speeds
are
needed.
The
ADS1230 is easy to configure, and all digital control
is accomplished through dedicated pins; there are no
registers
to
program.
A
simple
two-wire
serial
interface retrieves the data.
ANALOG INPUTS (AINP, AINN)
The input signal to be measured is applied to the
input pins AINP and AINN. The ADS1230 accepts
differential input signals, but can also measure
unipolar signals. When measuring unipolar (or single-
ended signals) with respect to ground, connect the
Figure 18. Simplified Diagram of the PGA
negative input (AINN) to ground and connect the
input signal to the positive input (AINP). Note that
when the ADS1230 is configured this way, only half
Bypass Capacitor
of the converter full-scale range is used, since only
positive digital output codes are produced.
By applying a 0.1
μF external capacitor (CEXT) across
two capacitor pins combined with the internal 2k
resistor RINT (on-chip), a low-pass filter with a corner
LOW-NOISE PGA
frequency of 720Hz is created to bandlimit the signal
The ADS1230 features a low-drift, low-noise PGA
path before the modulator input. This low-pass filter
that provides a complete front-end solution for bridge
serves two purposes. First, the input signal is
sensors. A simplified diagram of the PGA is shown in
bandlimited to prevent aliasing as well as to filter out
Figure 18. It consists of two chopper-stabilized
the high-frequency noise. Second, it attenuates the
amplifiers (A1 and A2) and three accurately-matched
chopping residue from the amplifier to improve
resistors (R1, RF1, and RF2), which construct a
temperature drift performance. It is not required to
differential front-end stage with a gain of 64, followed
use high-quality capacitors (such as ceramic or
by gain stage A3 (Gain = 1 or 2). The PGA inputs are
tantalum
capacitors)
for
a
general
application.
equipped with an EMI filter, as shown in Figure 18.
However, high-quality capacitors such as poly are
The cutoff frequency of the EMI filter is 19.6MHz. By
recommended for high-linearity applications.
using AVDD as the reference input, the bipolar input
ranges from –39mV to +39mV (Gain = 64) or
–19.5mV to +19.5mV (Gain = 128), and the unipolar
10
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Links: ADS1230


Similar Part No. - ADS1230IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230IPWR BURR-BROWN-ADS1230IPWR Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230IPWR TI1-ADS1230IPWR Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1230IPWRG4 TI1-ADS1230IPWRG4 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results

Similar Description - ADS1230IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com