Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA00630IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00630IPWR
Description  20-Bit Analog-to-Digital Converter For Bridge Sensors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00630IPWR Datasheet(HTML) 5 Page - Texas Instruments

  HPA00630IPWR Datasheet HTML 1Page - Texas Instruments HPA00630IPWR Datasheet HTML 2Page - Texas Instruments HPA00630IPWR Datasheet HTML 3Page - Texas Instruments HPA00630IPWR Datasheet HTML 4Page - Texas Instruments HPA00630IPWR Datasheet HTML 5Page - Texas Instruments HPA00630IPWR Datasheet HTML 6Page - Texas Instruments HPA00630IPWR Datasheet HTML 7Page - Texas Instruments HPA00630IPWR Datasheet HTML 8Page - Texas Instruments HPA00630IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DVDD
DGND
CLKIN
GAIN
CAP
CAP
AINP
AINN
DRDY/DOUT
SCLK
PDWN
SPEED
AVDD
AGND
REFP
REFN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADS1230
ADS1230
www.ti.com
SBAS366B – OCTOBER 2006 – REVISED SEPTEMBER 2012
PIN CONFIGURATION
PW PACKAGE
TSSOP-16
(Top View)
PIN DESCRIPTIONS
ANALOG/DIGITAL
NAME
TERMINAL
INPUT/OUTPUT
DESCRIPTION
DVDD
1
Digital
Digital Power Supply: 2.7V to 5.3V
DGND
2
Digital
Digital Ground
CLKIN
3
Digital/Digital Input
External Clock Input: typically 4.9152MHz. Tie low to activate internal oscillator.
PGA Gain Select
GAIN
PGA
GAIN
4
Digital Input
0
64
1
128
CAP
5
Analog
Gain Amp Bypass Capacitor Connection
CAP
6
Analog
Gain Amp Bypass Capacitor Connection
AINP
7
Analog Input
Positive Analog Input
AINN
8
Analog Input
Negative Analog Input
REFN
9
Analog Input
Negative Reference Input
REFP
10
Analog Input
Positive Reference Input
AGND
11
Analog
Analog Ground
AVDD
12
Analog
Analog Power Supply, 2.7V to 5.3V
Data Rate Select:
SPEED
DATA RATE
SPEED
13
Digital Input
0
10SPS
1
80SPS
PDWN
14
Digital Input
Power-Down: Holding this pin low powers down the entire converter and resets the ADC.
Serial Clock: Clock out data on the rising edge. Also used to initiate Offset Calibration and Sleep
SCLK
15
Digital Input
modes. See the Offset Calibration, Standby Mode, and Standby Mode with Offset Calibration sections
for more details.
Dual-Purpose Output:
DRDY/DOUT
16
Digital Output
Data Ready: Indicates valid data by going low.
Data Output: Outputs data, MSB first, on the first rising edge of SCLK.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS1230


Similar Part No. - HPA00630IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00639RHBR TI1-HPA00639RHBR Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Similar Description - HPA00630IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com