Electronic Components Datasheet Search |
|
RC0100FR-1397R6P Datasheet(PDF) 5 Page - YAGEO Corporation |
|
RC0100FR-1397R6P Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 8 page Chip Resistor Surface Mount www.yageo.com Aug. 22, 2014 V.0 Product specification 5 8 SERIES RC_P 0100 to 2512 Fig. 5-1 Maximum dissipation (P) in percentage of rated poweras a function of the operating ambient temperature (Tamb) FUNCTIONAL DESCRIPTION O OP PE ER RA AT TIIN NG G T TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E RC0402 to RC2512 Range: -55℃ to +155℃ (Fig. 5-1) RC0100 to RC0201 Range: -55℃ to +125℃ (Fig. 5-2) P PO OW WE ER R R RA AT TIIN NG G Each type rated power at 70 °C: RC0100=1/32W RC0201=1/20 W RC0402=1/16 W RC0603=1/10W RC0805=1/8W RC1206=1/4W RC1210=1/2W RC1218=1W RC2010=3/4W RC2512=1W RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = ) ( PxR Where V = Continuous rated DC or AC (rms) working voltage (V) P = Rated power (W) R = Resistance value (Ω) PACKING STYLE AND PACKAGING QUANTITY Table 3 Packing style and packaging quantity PACKING STYLE REEL DIMENSION RC0100 RC0201 RC0402 RC0603 RC0805 RC1206 RC1210 RC1218 RC2010 RC2512 Paper taping reel (R) 7" (178 mm) 20,000 10,000 10,000 5,000 5,000 5,000 5,000 --- --- --- 13" (330 mm) 80,000 50000 50000 20000 20000 20000 20000 --- --- --- ESD safe reel (S) 7" (178 mm) 40,000 --- --- --- --- --- --- --- --- --- Embossed taping reel 7" (178 mm) --- --- --- --- --- --- 4,000 4,000 4,000 NOTE For tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”. Fig. 5-2 Maximum dissipation (P) in percentage of rated poweras a function of the operating ambient temperature (Tamb) FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting” |
Similar Part No. - RC0100FR-1397R6P |
|
Similar Description - RC0100FR-1397R6P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |