Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z90DBTR-V150 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z90DBTR-V150
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z90DBTR-V150 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ20Z90DBTR-V150 Datasheet HTML 5Page - Texas Instruments BQ20Z90DBTR-V150 Datasheet HTML 6Page - Texas Instruments BQ20Z90DBTR-V150 Datasheet HTML 7Page - Texas Instruments BQ20Z90DBTR-V150 Datasheet HTML 8Page - Texas Instruments BQ20Z90DBTR-V150 Datasheet HTML 9Page - Texas Instruments BQ20Z90DBTR-V150 Datasheet HTML 10Page - Texas Instruments BQ20Z90DBTR-V150 Datasheet HTML 11Page - Texas Instruments BQ20Z90DBTR-V150 Datasheet HTML 12Page - Texas Instruments BQ20Z90DBTR-V150 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
LED Display
LifeTime Data Logging Features
Authentication
Power Modes
CONFIGURATION
Oscillator Function
System Present Operation
BATTERY PARAMETER MEASUREMENTS
bq20z90
SLUS778 – JULY 2007
See Theory and Implementation of Impedance Track Battery Fuel-Gauging Algorithm application note (SLUA364)
for further details.
The bq20z90 can drive a 3-, 4-, or 5- segment LED display for remaining capacity indication. The LED drive
current can be adjusted to 3mA, 4mA and 5mA digitally.
The bq20z90 offers a lifetime data logging array, where all important measurements are stored for warranty and
analysis purposes. The data monitored include:
Lifetime maximum temperature
Lifetime minimum temperature
Lifetime maximum battery cell voltage
Lifetime minimum battery cell voltage
Lifetime maximum battery pack voltage
Lifetime minimum battery pack voltage
Lifetime maximum charge current
Lifetime maximum discharge current
Lifetime maximum charge power
Lifetime maximum discharge power
Lifetime maximum average discharge current
Lifetime maximum average discharge power
Lifetime average temperature
The bq20z90 supports authentication by the host using SHA-1.
The bq20z90 supports 3 different power modes to reduce power consumption:
In Normal Mode, the bq20z90 performs measurements, calculations, protection decisions, and data updates
in 1 second intervals. Between these intervals, the bq20z90 is in a reduced power stage.
In Sleep Mode, the bq20z90 performs measurements, calculations, protection decisions, and data updates in
adjustable time intervals. Between these intervals, the bq20z90 is in a reduced power stage.
In Shutdown Mode the bq20z90 is completety disabled.
The bq20z90 fully integrates the system and processor oscillators and, therefore, requires no pins or
components for this feature.
The bq20z90 periodically verifies the PRES pin and detects that the battery is present in the system via a low
state on a PRES input. When this occurs, bq20z90 enters normal operating mode. When the pack is removed
from the system and the PRES input is high, the bq20z90 enters the battery-removed state, disabling the charge,
discharge and ZVCHG FETs. The PRES input is ignored and can be left floating when non-removal mode is set
in the data flash.
The bq20z90 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and a
second delta-sigma ADC for individual cell and battery voltage, and temperature measurement.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq20z90
Not Recommended for New Designs


Similar Part No. - BQ20Z90DBTR-V150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150G4 TI-BQ20Z90DBTR-V150G4 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - BQ20Z90DBTR-V150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com