Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA00742DBTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00742DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00742DBTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button HPA00742DBTR Datasheet HTML 6Page - Texas Instruments HPA00742DBTR Datasheet HTML 7Page - Texas Instruments HPA00742DBTR Datasheet HTML 8Page - Texas Instruments HPA00742DBTR Datasheet HTML 9Page - Texas Instruments HPA00742DBTR Datasheet HTML 10Page - Texas Instruments HPA00742DBTR Datasheet HTML 11Page - Texas Instruments HPA00742DBTR Datasheet HTML 12Page - Texas Instruments HPA00742DBTR Datasheet HTML 13Page - Texas Instruments HPA00742DBTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.ti.com
Charge and Discharge Counting
Voltage
Current
Wake Function
Auto Calibration
Temperature
COMMUNICATIONS
SMBus On and Off State
SBS Commands
bq20z90
SLUS778 – JULY 2007
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SRP and SRN pins. The integrating ADC measures bipolar
signals from -0.25 V to 0.25 V. The bq20z90 detects charge activity when VSR = V(SRP)-V(SRN)is positive and
discharge activity when VSR = V(SRP)-V(SRN) is negative. The bq20z90 continuously integrates the signal over
time, using an internal counter. The fundamental rate of the counter is 0.65 nVh.
The bq20z90 updates the individual series cell voltages through the bq29330 at one second intervals. The
bq20z90 configures the bq29330 to connect the selected cell, cell offset, or bq29330 VREF to the CELL pin of
the bq29330, which is required to be connected to VIN of the bq20z90. The internal ADC of the bq20z90
measures the voltage, scales it, and calibrates itself appropriately. This data is also used to calculate the
impedance of the cell for the Impedance Track™ gas-gauging.
The bq20z90 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge current
using a 5 m
Ω to 20 mΩ typ. sense resistor.
The bq20z90 can exit sleep mode, if enabled, by the presence of a programmable level of current signal across
SRP and SRN.
The bq20z90 provides an auto-calibration feature to cancel the voltage offset error across SRP and SRN for
maximum charge measurement accuracy. The bq20z90 performs auto-calibration when the SMBus lines stay
low continuously for a minimum of a programmable amount of time.
The bq20z90 TS1 and TS2 inputs, in conjunction with two identical NTC thermistors (default are Semitec
103AT), measure the battery environmental temperature. The bq20z90 can also be configured to use its internal
temperature sensor.
The bq20z90 uses SMBus v1.1 with Master Mode and package error checking (PEC) options per the SBS
specification.
The bq20z90 detects an SMBus off state when SMBC and SMBD are logic-low for
≥ 2 seconds. Clearing this
state requires either SMBC or SMBD to transition high. Within 1 ms, the communication bus is available.
Table 1. SBS COMMANDS
SBS Cmd
Mode
Name
Format
Size in
Min
Max
Default Value
Unit
Bytes
Value
Value
0x00
R/W
ManufacturerAccess
hex
2
0x0000
0xffff
0x01
R/W
RemainingCapacityAlarm
unsigned int
2
0
65535
300
mAh or
10mWh
0x02
R/W
RemainingTimeAlarm
unsigned int
2
0
65535
10
min
0x03
R/W
BatteryMode
hex
2
0x0000
0xe383
0x04
R/W
AtRate
signed int
2
-32768
32767
mA or 10mW
0x05
R
AtRateTimeToFull
unsigned int
2
0
65534
min
0x06
R
AtRateTimeToEmpty
unsigned int
2
0
65534
min
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq20z90
Not Recommended for New Designs


Similar Part No. - HPA00742DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00744PWR TI1-HPA00744PWR Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - HPA00742DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com