Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2022ALPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2022ALPR
Description  1K-Bit Serial EPROM with SDQ Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2022ALPR Datasheet(HTML) 4 Page - Texas Instruments

  BQ2022ALPR Datasheet HTML 1Page - Texas Instruments BQ2022ALPR Datasheet HTML 2Page - Texas Instruments BQ2022ALPR Datasheet HTML 3Page - Texas Instruments BQ2022ALPR Datasheet HTML 4Page - Texas Instruments BQ2022ALPR Datasheet HTML 5Page - Texas Instruments BQ2022ALPR Datasheet HTML 6Page - Texas Instruments BQ2022ALPR Datasheet HTML 7Page - Texas Instruments BQ2022ALPR Datasheet HTML 8Page - Texas Instruments BQ2022ALPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
1
SDQ
VSS
VSS
2
3
NC
SDQ
VSS
1
2
3
4
bq2022A
SLUS724E – SEPTEMBER 2006 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq2022A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBZ Package
3-Pin SOT-23
(Top View)
LP Package
3-Pin TO-92
(Bottom View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
TO-92
SDQ
1
1
I
Data
VSS
2, 3
2
Ground. Both pins should be connected to system ground.
NC
3
No connection. This pin should be connected to system ground or left floating.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Communication is specified by design
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
DC voltage applied to data, VPU
–0.3
7
V
Low-level output current, IOL
40
mA
ESD IEC 61000-4-2 Air discharge, Data to VSS, VSS to data
15
kV
Operating free-air temperature, TA
–20
70
°C
Communication free-air temperature, TA(Comm)
(2)
–40
85
°C
Junction temperature, TJ
125
°C
Storage temperature, Tstg
–55
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VPU
Operational pull-up voltage
2.65
5.5
V
RPU
Serial communication interface pull-up resistance
5
k
Ω


Similar Part No. - BQ2022ALPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022ALPR TI-BQ2022ALPR Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022ALPR TI1-BQ2022ALPR Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
More results

Similar Description - BQ2022ALPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com