Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA01220DBZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HPA01220DBZR
Description  1K-Bit Serial EPROM with SDQ Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01220DBZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button HPA01220DBZR Datasheet HTML 6Page - Texas Instruments HPA01220DBZR Datasheet HTML 7Page - Texas Instruments HPA01220DBZR Datasheet HTML 8Page - Texas Instruments HPA01220DBZR Datasheet HTML 9Page - Texas Instruments HPA01220DBZR Datasheet HTML 10Page - Texas Instruments HPA01220DBZR Datasheet HTML 11Page - Texas Instruments HPA01220DBZR Datasheet HTML 12Page - Texas Instruments HPA01220DBZR Datasheet HTML 13Page - Texas Instruments HPA01220DBZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
bq2022A
SLUS724E – SEPTEMBER 2006 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq2022A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Programming (continued)
7.5.5 READ MEMORY Commands
Two READ MEMORY commands are available on the bq2022A. Both commands are used to read data from the
1024-bit EPROM data field. They are the READ MEMORY/Page CRC and the READ MEMORY/Field CRC
commands. The READ MEMORY/Page CRC generates CRC at the end any 32-byte page boundary whereas
the READ MEMORY/Field CRC generates CRC when the end of the 1024-bit data memory is reached.
7.5.5.1 READ MEMORY/Page CRC
To read memory and generate the CRC at the 32-byte page boundaries of the bq2022A, the SKIP ROM
command is followed by the READ MEMORY/Generate CRC command, C3h, followed by the address low byte
and then the address high byte.
An 8-bit CRC of the command byte and address bytes is computed by the bq2022A and read back by the host to
confirm that the correct command word and starting address were received. If the CRC read by the host is
incorrect, a reset pulse must be issued and the entire sequence must be repeated. If the CRC received by the
host is correct, the host issues read time slots and receives data from the bq2022A starting at the initial address
and continuing until the end of a 32-byte page is reached. At that point, the host sends eight additional read time
slots and receive an 8-bit CRC that is the result of shifting into the CRC generator all of the data bytes from the
initial starting byte to the last byte of the current page. Once the 8-bit CRC has been received, data is again read
from the 1024-bit EPROM data field starting at the next page. This sequence continues until the final page and
its accompanying CRC are read by the host. Thus each page of data can be considered to be 33 bytes long, the
32 bytes of user-programmed EPROM data and an 8-bit CRC that gets generated automatically at the end of
each page.
Initialization and SKIP
ROM Command
Sequence
READ
MEMORY/Generate
CRC Command
Address Low Byte
Address High
Byte
Read and
Verify CRC
EPROM Memory and
CRC Byte
Generated at 32-Byte
Page
Boundaries
C3h
A0
A7 A8
A15
NOTE: Individual bytes of address and data are transmitted LSB first.
Figure 7. READ MEMORY/Page CRC
7.5.5.2 READ MEMORY/Field CRC
To read memory without CRC generation on 32-byte page boundaries, the SKIP ROM command is followed by
the READ MEMORY command, F0h, followed by the address low byte and then the address high byte.
NOTE
As shown in Figure 8, individual bytes of address and data are transmitted LSB first.
An 8-bit CRC of the command byte and address bytes is computed by the bq2022A and read back by the host to
confirm that the correct command word and starting address were received. If the CRC read by the host is
incorrect, a reset pulse must be issued and the entire sequence must be repeated. If the CRC received by the
host is correct, the host issues read time slots and receives data from the bq2022A starting at the initial address
and continuing until the end of the 1024-bit data field is reached or until a reset pulse is issued. If reading occurs
through the end of memory space, the host may issue eight additional read time slots and the bq2022A responds
with an 8-bit CRC of all data bytes read from the initial starting byte through the last byte of memory. After the
CRC is received by the host, any subsequent read time slots appear as logical 1s until a reset pulse is issued.
Any reads ended by a reset pulse prior to reaching the end of memory does not have the 8-bit CRC available.


Similar Part No. - HPA01220DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01202BDKDR TI1-HPA01202BDKDR Datasheet
3Mb / 39P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
HPA01203YFFR TI1-HPA01203YFFR Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
HPA01209SIPR TI1-HPA01209SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
HPA01210SIPR TI1-HPA01210SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
HPA01211RHBR TI1-HPA01211RHBR Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
More results

Similar Description - HPA01220DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com