Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24088 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # bq24088
Description  750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24088 Datasheet(HTML) 7 Page - Texas Instruments

Back Button bq24088 Datasheet HTML 3Page - Texas Instruments bq24088 Datasheet HTML 4Page - Texas Instruments bq24088 Datasheet HTML 5Page - Texas Instruments bq24088 Datasheet HTML 6Page - Texas Instruments bq24088 Datasheet HTML 7Page - Texas Instruments bq24088 Datasheet HTML 8Page - Texas Instruments bq24088 Datasheet HTML 9Page - Texas Instruments bq24088 Datasheet HTML 10Page - Texas Instruments bq24088 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
bq24085, bq24086, bq24087, bq24088
www.ti.com
SLUS784E – DECEMBER 2007 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
over recommended operating range, TJ = 0 –125°C range, See the Application and Implementation section, typical values at
TJ = 25°C (unless otherwise noted), RTMR = 49.9 KΩ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
100 mA
≤ IO(OUT) ≤ 750 mA
175
182
190
K(SET)
Output current set factor
10 mA
≤ IO(OUT) < 100 mA
180
215
250
RISET
External resistor range
Resistor connected to ISET pin
0.6
10
k
PRECHARGE AND OUTPUT SHORT-CIRCUIT CURRENT REGULATION(6)
Precharge to fast-charge transition
V(LOWV)
V(BAT) increasing
2.8
2.95
3.15
V
threshold
Precharge to short-circuit transition
V(SC)
V(BAT) decreasing
1.2
1.4
1.6
threshold
V
V(SCIND)
Short-circuit indication
V(BAT) decreasing
1.6
1.8
2
V(SC) < VI(BAT) < V(LOWV), t < t(PRECHG)
IO(PRECHG)
Precharge current range
5
75
mA
IO(PRECHG) = K(SET) × V(PRECHG)/R(ISET)
V(ISET) = V(PRECHG), V(SC) < VI(BAT) < V(LOWV),
V(PRECHG)
Precharge set voltage
225
250
280
mV
t < t(PRECHG)
VPOR < VIN <
VSS ≤ V(BAT) ≤ V(SCI),
7
15
24
6.0 V
IO(SHORT) = I(OUT), V(BAT)= VSS,
IO(SHORT)
Output shorted regulation current
mA
Internal pullup resistor,
6.0 V < VIN <
15
TJ = 25°C
VOVP
TEMPERATURE REGULATION (Thermal regulation™)(7)
V(IN) = 5.5 V, V(BAT) = 3.2 V, Fast charge current
TJ(REG)
Temperature regulation limit
101
112
125
°C
set to 1 A
V(LOWV) < V(BAT) < VO(REG),
I(MIN_TJ(REG))
Minimum current in thermal regulation
105
125
mA
0.7 k
Ω < R(ISET) < 1.18 kΩ
CHARGE TERMINATION DETECTION(8)
I(TERM)
Termination detection current range
V(BAT) > V(RCH), I(TERM) = K(SET) × V(TERM)/R(ISET)
5
75
mA
Charge termination detection set
V(TERM)
V(BAT) > V(RCH)
225
250
275
mV
voltage(9)
BATTERY RECHARGE THRESHOLD
V(RCH)
Recharge threshold detection
[VO(REG)–V(BAT) ] > V(RCH)
75
100
135
mV
TIMERS(10)
Charge timer and termination enable
Charge timer AND termination
bq24085/86/88
threshold
disabled at: V(TMR) > VTMR(OFF)
VTMR(OFF)
2.5
3
3.5
V
Charge timer disabled at:
Charge timer enable threshold
bq24087
V(TMR) > VTMR(OFF)
BATTERY DETECTION THRESHOLDS
IDET(DOWN)
Battery detection current (sink)
2 V < V(BAT) < VO(REG)
1
2
3.2
mA
IO(PR
IDET(UP)
Battery detection current (source)
2 V < V(BAT) < VO(REG)
mA
ECHG)
TIMER FAULT RECOVERY
I(FAULT)
Fault Current (source)
V(OUT) < V(RCH)
0.8
1.1
mA
OUTPUT CURRENT SAFETY LIMIT(11)
I(SETSC)
Charge overcurrent safety
V(ISET) = VSS
1.5
A
(6)
V(IN)–V(OUT) > V(DO-MAX) , V(IN)
≥ 4.5 V, charger enabled, no fault conditions detected, RTMR = 50 K or V(TMR)=OPEN; thermal
regulation loop not active.
(7)
Charger enabled, no fault conditions detected.
(8)
VO(REG) = 4.2 V, charger enabled, no fault conditions detected, thermal regulation loop not active, RTMR = 50 K or TMR pin open.
(9)
The voltage on the ISET pin is compared to the V(TERM) voltage to determine when the termination should occur.
(10) CE = LO, charger enabled, no fault conditions detected, V(TMR) < 3 V, timers enabled.
(11) V(IN) ≥ 4.5 V, charger enabled, ISET shorted to GND.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq24085 bq24086 bq24087 bq24088


Similar Part No. - bq24088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24088 TI-BQ24088 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24088DRCR TI-BQ24088DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24088DRCR TI1-BQ24088DRCR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24088DRCRG4 TI-BQ24088DRCRG4 Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24088DRCT TI-BQ24088DRCT Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
More results

Similar Description - bq24088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com