Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KN322000H4M Datasheet(PDF) 8 Page - Kemet Corporation

Part # R46KN322000H4M
Description  R46 Series, Class X2, 275 VAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KN322000H4M Datasheet(HTML) 8 Page - Kemet Corporation

Back Button R46KN322000H4M Datasheet HTML 4Page - Kemet Corporation R46KN322000H4M Datasheet HTML 5Page - Kemet Corporation R46KN322000H4M Datasheet HTML 6Page - Kemet Corporation R46KN322000H4M Datasheet HTML 7Page - Kemet Corporation R46KN322000H4M Datasheet HTML 8Page - Kemet Corporation R46KN322000H4M Datasheet HTML 9Page - Kemet Corporation R46KN322000H4M Datasheet HTML 10Page - Kemet Corporation R46KN322000H4M Datasheet HTML 11Page - Kemet Corporation R46KN322000H4M Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3006_R46_X2_275_125C • 10/18/2016
8
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 275 VAC, 125ºC
Manual Soldering Recommendations
Following is the recommendation for manual
soldering with a soldering iron.
The soldering iron tip temperature should
besetat350°C(+10°Cmaximum)withthe
soldering duration not to exceed more than 3
seconds.
Recommended Soldering Temperature
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
7
8
Soldering time (seconds)
Soldering Process
The implementation of the RoHS directive has resulted in the selection of SnAgCu (SAC) alloys or SnCu alloys as primary
solder.Thishasincreasedtheliquidustemperaturefromthatof183ºCforSnPbeutecticalloyto217–221ºCforthenew
alloys.Asaresult,theheatstresstothecomponents,eveninwavesoldering,hasincreasedconsiderablyduetohigherpre-
heat and wave temperatures. Polypropylene capacitors are especially sensitive to heat (the melting point of polypropylene
is160–170ºC).Wavesolderingcanbedestructive,especiallyformechanicallysmallpolypropylenecapacitors(withlead
spacingof5mmto15mm),andgreatcarehastobetakenduringsoldering.TherecommendedsolderprofilesfromKEMET
shouldbeused.PleaseconsultKEMETwithanyquestions.Ingeneral,thewavesolderingcurvefromIECPublication61760-
1 Edition 2 serves as a solid guideline for successful soldering. Please see Figure 1.
Reflowsolderingisnotrecommendedforthrough-holefilmcapacitors.Exposingcapacitorstoasolderingprofileinexcess
oftheabovetherecommendedlimitsmayresulttodegradationorpermanentdamagetothecapacitors.
Do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components.
Insertthrough-holepartsafterthecuringofsurfacemountparts.ConsultKEMETtodiscusstheactualtemperatureprofile
in the oven, if through-hole components must pass through the adhesive curing process. A maximum two soldering cycles is
recommended.Pleaseallowtimeforthecapacitorsurfacetemperaturetoreturntoanormaltemperaturebeforethesecond
soldering cycle.
Wave Soldering Recommendations
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Time (s)
ca 2 °C/s
ca 3.5 °C/s typical
ca 5 °C/s
Cooling
2+3s max
115 °C max
Tpreheat
∆T <150 °C
100 °C
Preheating
Typical
Firstwave
Second wave
260 °C


Similar Part No. - R46KN322000H4M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN322000M1M KEMET-R46KN322000M1M Datasheet
55Kb / 1P
   Capacitor, film, Metallized Polypropylene, 0.22 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results

Similar Description - R46KN322000H4M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R46KI347000P0M KEMET-R46KI347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
R46KF310000M1M KEMET-R46KF310000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.1 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 10mm
R46KI22200001M KEMET-R46KI22200001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.022 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI333000M1M KEMET-R46KI333000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI24700001M KEMET-R46KI24700001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KR433000M2M KEMET-R46KR433000M2M Datasheet
227Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 3.3 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
R46KR447000M1M KEMET-R46KR447000M1M Datasheet
226Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 4.7 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com