Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3318 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF3318
Description  3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3318 Datasheet HTML 6Page - Texas Instruments REF3318 Datasheet HTML 7Page - Texas Instruments REF3318 Datasheet HTML 8Page - Texas Instruments REF3318 Datasheet HTML 9Page - Texas Instruments REF3318 Datasheet HTML 10Page - Texas Instruments REF3318 Datasheet HTML 11Page - Texas Instruments REF3318 Datasheet HTML 12Page - Texas Instruments REF3318 Datasheet HTML 13Page - Texas Instruments REF3318 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
PRE
POST
6
HYST
NOM
V
V
V
10 (ppm)
V
æ
ö
-
=
×
ç
÷
ç
÷
è
ø
Time(200 s/div)
m
V
IN
V
OUT
200 s/div
m
V
OUT
-1mA
+1mA
-1mA
I
LOAD
Time(400 s/div)
m
V
IN
V
OUT
200 s/div
m
V
OUT
-5mA
+5mA
-5mA
I
LOAD
10
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392G – AUGUST 2007 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C and VIN = 5 V, and REF3325 used for typical characteristic measurements (unless otherwise noted).
CLOAD = 10 μF, IOUT = 0 mA
Figure 13. Line Transient
CL = 1 μF, ±5-mA Output Pulse
Figure 14. Load Transient
CLOAD = 10 μF, IOUT = 1 mA
Figure 15. Line Transient
CL = 1 μF, ±1-mA Output Pulse
Figure 16. Load Transient
8 Parameter Measurement Information
8.1 Thermal Hysteresis
Thermal hysteresis for the REF33xx is defined as the change in output voltage after operating the device at
25°C, cycling the device through the specified temperature range, and returning to 25°C. It can be expressed as
Equation 1:
where
VHYST = thermal hysteresis (in units of ppm).
VNOM = the specified output voltage.
VPRE = output voltage measured at 25°C pretemperature cycling.
VPOST = output voltage measured after the device cycles from 25°C through the specified temperature range of
–40°C to 125°C and returns to 25°C.
(1)


Similar Part No. - REF3318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3318 TI-REF3318 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3318 TI1-REF3318 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
REF3318 TI1-REF3318 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3318AIDBZR TI-REF3318AIDBZR Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3318AIDBZR TI1-REF3318AIDBZR Datasheet
1Mb / 32P
[Old version datasheet]   Drift Voltage Reference
More results

Similar Description - REF3318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3312 TI-REF3312_15 Datasheet
1Mb / 32P
[Old version datasheet]   REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3312 TI-REF3312 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
logo
Analog Devices
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com