Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62569
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569 Datasheet(HTML) 3 Page - Texas Instruments

  TLV62569 Datasheet HTML 1Page - Texas Instruments TLV62569 Datasheet HTML 2Page - Texas Instruments TLV62569 Datasheet HTML 3Page - Texas Instruments TLV62569 Datasheet HTML 4Page - Texas Instruments TLV62569 Datasheet HTML 5Page - Texas Instruments TLV62569 Datasheet HTML 6Page - Texas Instruments TLV62569 Datasheet HTML 7Page - Texas Instruments TLV62569 Datasheet HTML 8Page - Texas Instruments TLV62569 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PG
1
2
3
6
5
4
EN
SW
GND
VIN
FB
NC/PG
1
2
3
6
5
4
EN
SW
GND VIN
FB
1
2
3
5
4
EN
SW
GND
VIN
FB
SOT23-5
DBV Package
(Top View)
SOT23-6
DDC Package
(Top View)
SOT563-6
DRL Package
(Top View)
3
TLV62569, TLV62569P
www.ti.com
SLVSDG1A – DECEMBER 2016 – REVISED MARCH 2017
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
For detailed ordering information, please check Mechanical, Packaging, Orderable Information at the end of this datasheet.
(2)
Product preview
6 Device Options
PART NUMBER (1)
FUNCTION
PACKAGE MARKING
PACKAGE
TLV62569DBV
-
16AF
SOT23-5
TLV62569PDDC(2)
Power Good
SOT23-6
TLV62569DRL(2)
-
SOT563-6
TLV62569PDRL(2)
Power Good
SOT563-6
7 Pin Configuration and Functions
Pin Functions
PIN NUMBER
I/O/PW
R
DESCRIPTION
NAME
SOT23-5
SOT23-6
SOT563-6
EN
1
1
5
I
Device enable logic input. Logic high enables the device, logic low disables the
device and turns it into shutdown. Do not leave floating.
GND
2
2
2
PWR
Ground pin.
SW
3
3
4
PWR
Switch pin connected to the internal FET switches and inductor terminal. Connect
the inductor of the output filter to this pin.
VIN
4
4
3
PWR
Power supply voltage input.
PG
-
5
6
O
Power good open drain output pin for TLV62569P. The pull-up resistor should not
be connected to any voltage higher than 5.5V. If it's not used, leave the pin
floating.
FB
5
6
1
I
Feedback pin for the internal control loop. Connect this pin to an external
feedback divider.
NC
-
-
6
O
No connection pin for TLV62569DRL. The pin can be connected to the output or
the ground. Or leave it floating.


Similar Part No. - TLV62569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569A TI1-TLV62569A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62569ADRL TI1-TLV62569ADRL Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
More results

Similar Description - TLV62569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com