Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25810-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS25810-Q1
Description  USB Type-C DFP Controller and Power Switch With Load Detection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS25810-Q1_17 Datasheet HTML 3Page - Texas Instruments TPS25810-Q1_17 Datasheet HTML 4Page - Texas Instruments TPS25810-Q1_17 Datasheet HTML 5Page - Texas Instruments TPS25810-Q1_17 Datasheet HTML 6Page - Texas Instruments TPS25810-Q1_17 Datasheet HTML 7Page - Texas Instruments TPS25810-Q1_17 Datasheet HTML 8Page - Texas Instruments TPS25810-Q1_17 Datasheet HTML 9Page - Texas Instruments TPS25810-Q1_17 Datasheet HTML 10Page - Texas Instruments TPS25810-Q1_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TPS25810-Q1
www.ti.com
SLVSD95 – NOVEMBER 2016
Product Folder Links: TPS25810-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN1 ≤ 6.5 V, 4.5 V ≤ VIN2 ≤ 5.5 V, 2.9 V ≤ VAUX ≤ 5.5 V; VEN = VCHG = VCHG_HI = VAUX, RREF =
100 k
Ω. Typical values are at 25°C. All voltages are with respect to GND. IOUT and IOS defined positive out of the indicated pin
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CC1, CC2 – VCONN POWER SWITCH
rDS(on)
On-resistance
TJ = 25°C, IOUT = 250 mA
365
420
–40°C
≤ TJ ≤ 85°C, IOUT = 250 mA
365
530
–40°C
≤ TJ ≤ 125°C, IOUT = 250 mA
365
600
CC1, CC2 – VCONN POWER SWITCH – CURRENT LIMIT
IOS
Short-circuit current limit(1)
300
355
410
mA
RREF = 10 Ω
800
CC1, CC2 – CONNECT MANAGEMENT – DANGLING ELECTRONICALLY MARKED CABLE MODE
ISRC
Sourcing current on the pass-
through CC Line
0 V
≤ VCCx ≤ 1.5 V
64
80
96
µA
Sourcing current on the Ra CC
line
0 V
≤ VCCx ≤ 1.5 V
64
80
96
CC1, CC2 – CONNECT MANAGEMENT – ACCESSORY MODE
ISRC
CCx sourcing current
(CC2 – audio, CC1-debug)
0 V
≤ VCCx ≤ 1.5 V
64
80
96
µA
CCx sourcing current
(CC1 – audio, CC2-debug) (2)
0 V
≤ VCCx ≤ 1.5 V
0
CC1, CC2 – CONNECT MANAGEMENT – UFP MODE
ISRC
Sourcing current with either IN1 or
IN2 in UVLO
0 V
≤ VCCx ≤ 1.5 V
VIN1 < VTH_UVLO_IN1 or VIN2 < VTH_UVLO_IN2
64
80
96
µA
ISRC
Sourcing current
VCHG = 0 V and VCHG_HI = 0 V
0 V
≤ VCCx ≤ 1.5 V
75
80
85
µA
VCHG = VAUX and VCHG_HI = 0 V
0 V
≤ VCCx ≤ 1.5 V
170
180
190
VCHG = VAUX and VCHG_HI = VAUX
0 V
≤ VCCx ≤ 2.45 V
312
330
348
UFP, POL, AUDIO, DEBUG
VOL
Output low voltage
ISNK_PIN = 1 mA
250
mV
IOFF
Off-state leakage
VPIN = 5.5 V
1
µA
EN, CHG, CHG_HI – LOGIC INPUTS
VTH
Rising threshold voltage
0.925
1.15
V
VTH
Falling threshold voltage
0.65
0.875
V
Hysteresis(2)
50
mV
IIN
Input current
VEN = 0 V or 6.5 V
–0.5
0.5
µA
OVERTEMPERATURE SHUTDOWN
TTH_OTSD2
Rising threshold temperature for
device shutdown
155
°C
Hysteresis(2)
20
°C
TTH_OTSD1
Rising threshold temperature for
OUT/ VCONN switch shutdown in
current limit
135
°C
Hysteresis(2)
20
°C
IN1
VTH_UVLO_IN1
Rising threshold voltage for UVLO
3.9
4.1
4.3
V
Hysteresis(2)
100
mV
IIN1(DIS)
Disabled supply current
VEN = 0 V, –40°C ≤ TJ ≤ 85°C
1
µA
IIN1(CC_OPEN)
Enabled supply current with CC
lines open
–40°C
≤ TJ ≤ 85°C
1
µA


Similar Part No. - TPS25810-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Similar Description - TPS25810-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
   USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
Texas Instruments
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com