Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70230 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV70230
Description  300-mA, Low-IQ, Low-Dropout Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70230 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV70230 Datasheet HTML 2Page - Texas Instruments TLV70230 Datasheet HTML 3Page - Texas Instruments TLV70230 Datasheet HTML 4Page - Texas Instruments TLV70230 Datasheet HTML 5Page - Texas Instruments TLV70230 Datasheet HTML 6Page - Texas Instruments TLV70230 Datasheet HTML 7Page - Texas Instruments TLV70230 Datasheet HTML 8Page - Texas Instruments TLV70230 Datasheet HTML 9Page - Texas Instruments TLV70230 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
0
100
150
300
I
(mA)
OUT
300
250
200
150
100
50
0
50
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=4.8V
OUT
250
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
10mA
150mA
200mA
V
=1.8V
OUT
0
100
150
300
I
(mA)
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
50
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
250
350
300
250
200
150
100
50
0
2.25
2.75
3.25
3.75
4.25
4.75
V
(V)
IN
+125 C
°
+85 C
°
+25 C
°
-40 C
°
I
=300mA
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
I
=10mA
OUT
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.3
2.7
3.1
3.5
3.9
4.3
4.7
V
(V)
IN
5.5
5.1
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
I
=300mA
OUT
OUT
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
www.ti.com
6.6 Typical Characteristics
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V, whichever is greater; IOUT = 10 mA,
VEN = VIN, COUT = 1 μF, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 1. Line Regulation
Figure 2. Line Regulation
Figure 3. Load Regulation
Figure 4. Dropout Voltage vs Input Voltage
Figure 6. Output Voltage vs Temperature
Figure 5. Dropout Voltage vs Output Current
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV702


Similar Part No. - TLV70230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70230 TI1-TLV70230 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70230DBVR TI1-TLV70230DBVR Datasheet
710Kb / 26P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator High PSRR: 68 dB at 1 kHz
FEBRUARY2011
TLV70230DBVR TI1-TLV70230DBVR Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70230DBVR TI1-TLV70230DBVR Datasheet
1Mb / 28P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70230DBVR TI1-TLV70230DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
More results

Similar Description - TLV70230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703 Datasheet
857Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI1-TLV70018-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   300-mA, Low-IQ Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com