Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA336UG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA336UG4
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336UG4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA336UG4 Datasheet HTML 1Page - Texas Instruments OPA336UG4 Datasheet HTML 2Page - Texas Instruments OPA336UG4 Datasheet HTML 3Page - Texas Instruments OPA336UG4 Datasheet HTML 4Page - Texas Instruments OPA336UG4 Datasheet HTML 5Page - Texas Instruments OPA336UG4 Datasheet HTML 6Page - Texas Instruments OPA336UG4 Datasheet HTML 7Page - Texas Instruments OPA336UG4 Datasheet HTML 8Page - Texas Instruments OPA336UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
OPA336, 2336, 4336
3
SBOS068C
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 2.3V to 5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
OPA336NA, UA
OPA336N, U
OPA2336EA, PA, UA
OPA2336E, P, U
OPA4336EA
OPA336NJ, UJ
PARAMETER
CONDITION
MIN
TYP(1)
MAX
MIN
TYP
MAX
MIN
TYP MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
±60
±125
±500
±500 ±2500
µV
vs Temperature
dVOS/dT
±1.5
✻✻
µV/°C
vs Power Supply
PSRR
VS = 2.3V to 5.5V
25
100
✻✻
µV/V
Over Temperature
VS = 2.3V to 5.5V
130
✻✻
µV/V
Channel Separation, dc
0.1
✻✻
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±1
±10
✻✻
pA
Over Temperature
±60
✻✻
pA
Input Offset Current
IOS
±1
±10
✻✻
pA
NOISE
Input Voltage Noise, f = 0.1 to 10Hz
3
✻✻
µVp-p
Input Voltage Noise Density, f = 1kHz en
40
✻✻
nV/
√Hz
Current Noise Density, f = 1kHz
in
30
✻✻
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
–0.2
(V+) –1
✻✻
V
Common-Mode Rejection Ratio
CMRR
–0.2V < VCM < (V+) –1V
80
90
76
86
76
86
dB
Over Temperature
–0.2V < VCM < (V+) –1V
76
74
74
dB
INPUT IMPEDANCE
Differential
1013 || 2
✻✻
Ω || pF
Common-Mode
1013 || 4
✻✻
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL RL = 25kΩ, 100mV < VO < (V+) – 100mV
100
115
90
90
dB
Over Temperature
RL = 25kΩ, 100mV < VO < (V+) – 100mV
100
90
90
dB
RL = 5kΩ, 500mV < VO < (V+) – 500mV
90
106
✻✻
dB
Over Temperature
RL = 5kΩ, 500mV < VO < (V+) – 500mV
90
✻✻
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
VS = 5V, G = 1
100
✻✻
kHz
Slew Rate
SR
VS = 5V, G = 1
0.03
✻✻
V/
µs
Overload Recovery Time
VIN • G = VS
100
✻✻
µs
OUTPUT
Voltage Output Swing from Rail(2)
RL = 100kΩ, AOL ≥ 70dB
3
✻✻
mV
RL = 25kΩ, AOL ≥ 90dB
20
100
✻✻
mV
Over Temperature
RL = 25kΩ, AOL ≥ 90dB
100
✻✻
mV
RL = 5kΩ, AOL ≥ 90dB
70
500
✻✻
mV
Over Temperature
RL = 5kΩ, AOL ≥ 90dB
500
✻✻
mV
Short-Circuit Current
ISC
±5
✻✻
mA
Capacitive Load Drive
CLOAD
See Text
✻✻
pF
POWER SUPPLY
Specified Voltage Range
VS
2.3
5.5
✻✻
V
Minimum Operating Voltage
2.1
✻✻
V
Quiescent Current (per amplifier)
IQ
IO = 0
20
32
✻✻
23
38
µA
Over Temperature
IO = 0
36
42
µA
TEMPERATURE RANGE
Specified Range
–40
+85
✻✻
°C
Operating Range
–55
+125
✻✻
°C
Storage Range
–55
+125
✻✻
°C
Thermal Resistance
θ
JA
SOT-23-5 Surface-Mount
200
✻✻
°C/W
MSOP-8 Surface-Mount
150
°C/W
SO-8 Surface-Mount
150
✻✻
°C/W
DIP-8
100
°C/W
SSOP-16 Surface-Mount
100
°C/W
DIP-14
80
°C/W
✻Specifications same as OPA2336E, P, U.
NOTES: (1) VS = +5V. (2) Output voltage swings are measured between the output and positive and negative power-supply rails.


Similar Part No. - OPA336UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336UG4 BURR-BROWN-OPA336UG4 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA336UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com