Electronic Components Datasheet Search |
|
NSAM266SA Datasheet(PDF) 9 Page - National Semiconductor (TI) |
|
|
NSAM266SA Datasheet(HTML) 9 Page - National Semiconductor (TI) |
9 / 52 page 10 Hardware (Continued) Consider the following extensive usage of all the NM29A040’s blocks 1 Record 15 minutes of messages (until the memory is full) 2 Playback 15 minutes (all the recorded messages) 3 Delete all messages Assuming a NM29A040 device is used in this manner 24 times a day its expected lifetime is Flash Lifetime e 100000(24 365) e 114 years Thus the NM29A040 device will last for over ten years even when used for six hours of recording per day Note that if an NM29A080 device is used then under the same conditions it will last for more than 20 years ROM Interface IVS vocabularies can be stored in either serial flash andor ROM The CompactSPEECH supports IVS ROM devices through Expansion Memory Up to 64 kbytes (64k x 8) of Expansion Memory are supported directly Nevertheless the CompactSPEECH uses bits of the on-chip port (PB) to further extend the 64 kbytes address space up to 05 Mbytes address space ROM is connected to the CompactSPEECH using the data bus D(07) the address bus A(015) the extended address signals EA(1618) and Expansion Memory Chip Select EMCS controls The number of extended address pins to use may vary depending on the size and configuration of the ROM Reading from Expansion Memory An Expansion Memory read bus-cycle starts at T1 when the data bus is in TRI-STATE and the address is driven on the address bus EMCS is asserted (cleared to 0) on a T2W1 cycle This cycle is followed by three T2W cycles and one T2 cycle The CompactSPEECH samples data at the end of the T2 cycle The transaction is terminated at T3 when EMCS becomes inactive (set to 1) The address remains valid until T3 is complete A T3H cycle is added after the T3 cycle The address remains valid until the end of T3H 136 Codec Interface The CompactSPEECH provides an on-chip interface to a serial codec This interface supports codec operation in long- or short-frame formats The format is selected with the CFG command The codec interface uses four signalsCDIN CDOUT CCLK and CFS0 Data is transferred to the codec through the CDOUT pin Data is read from the codec through the CDIN pin Data transfer between the CompactSPEECH and the serial codec starts by the CompactSPEECH asserting (setting to 1) the CFS0 frame synchronization signal After one clock cycle the CompactSPEECH de-asserts (clears to 0) CFS0 data from the CompactSPEECH is sent to the codec through CDOUT and simultaneously data from the codec is sent to the CompactSPEECH through CDIN Short Frame Protocol When short frame protocol is configured eight data bits are exchanged with each codec in each frame ie CFS0 cycle Data transfer starts when CFS0 is set to 1 for one CCLK cycle The data is then transmitted bit-by-bit via the CDOUT output pin Concurrently the received data is shift- ed in via the CDIN input pin Data is shifted one bit in each CCLK cycle Figure 1-6 shows how the codec interface signals behave when short frame protocol is configured Long Frame Protocol When long frame protocol is configured eight data bits are exhanged with each codec as with the short frame proto- col However for the long frame protocol data transfer starts by setting CFS0 to 1 for eight CCLK cycles Simulta- neously the data for the first codec is shifted out bit-by-bit via the CDOUT output pin as in short frame protocol Con- currently the received data is shifted in through the CDIN input The data is shifted one bit in each CCLK cycle Figure 1-7 shows how the codec interface signals behave when long frame protocol is configured http www nationalcom 9 |
Similar Part No. - NSAM266SA |
|
Similar Description - NSAM266SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |