Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL216AT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL216AT
Description  Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL216AT Datasheet(HTML) 6 Page - Vishay Siliconix

  IL216AT Datasheet HTML 1Page - Vishay Siliconix IL216AT Datasheet HTML 2Page - Vishay Siliconix IL216AT Datasheet HTML 3Page - Vishay Siliconix IL216AT Datasheet HTML 4Page - Vishay Siliconix IL216AT Datasheet HTML 5Page - Vishay Siliconix IL216AT Datasheet HTML 6Page - Vishay Siliconix IL216AT Datasheet HTML 7Page - Vishay Siliconix IL216AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 83616
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.9, 08-May-08
329
IL215AT/216AT/217AT
Optocoupler, Phototransistor Output,
Low Input Current, with Base Connection
Vishay Semiconductors
Fig. 17 Switching Test Circuit
PACKAGE DIMENSIONS in inches (millimeters)
iil215at_17
VCC = 5 V
Input
V
OUT
R
L
toff
tr
10 %
50 %
90 %
ts
tpdoff
tpdon
ton
tr
td
Output
Input
10 %
50 %
90 %
0
0
i178003
40°
Pin one ID
max.
ISO method A
0.036 (0.91)
0.014 (0.36)
0.170 (4.32)
0.045 (1.14)
0.260 (6.6)
R 0.010 (0.13)
0.050 (1.27)
0.240
(6.10)
0.050 (1.27) typ.
0.016
(0.41)
0.004 (0.10)
0.008 (0.20)
Lead coplanarity
± 0.0015 (0.04) max.
0.008 (0.20)
0.120 ± 0.005
(3.05 ± 0.13)
C
L
R 0.010
(0.25) max.
0.021 (0.53)
0.154 ± 0.005
(3.91 ± 0.13)
0.015 ± 0.002
(0.38 ± 0.05)
0.192 ± 0.005
(4.88 ± 0.13)
0.020 ± 0.004
(0.51 ± 0.10)
2 places
0.058 ± 0.005
(1.49 ± 0.13)
0.125 ± 0.005
(3.18 ± 0.13)


Similar Part No. - IL216AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL216AT SIEMENS-IL216AT Datasheet
66Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results

Similar Description - IL216AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT5210 VISHAY-MCT5210 Datasheet
138Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
Rev. 1.5, 14-Jan-08
VO215AT VISHAY-VO215AT Datasheet
130Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Rev. 1.0, 02-Dec-08
IL201 VISHAY-IL201 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
Rev. 1.5, 08-May-08
SFH608 VISHAY-SFH608 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608 VISHAY-SFH608_08 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.8, 08-Jan-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.4, 09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input with Base Connection
Rev. 1.7, 23-Feb-11
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com