Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53QCK070-150 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53QCK070-150
Description  Calibration Kit Adapter Version
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53QCK070-150 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53QCK070-150 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53QCK070-150 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
SnapN
50
Calibration Kit
Adapter Version
53QCK070-150
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
Usage
Please note: This Calibration Kit includes a set of adaptors only. The full functionality is only given with an
additional RPC-N calibration kit, details see necessary accessory.
Contents
Device
Part number
Quantity
Calibration Option
a
Adaptor
SnapN jack to RPC-N plug
53QK105-S20S3
2
FC
Adaptor
SnapN plug to RPC-N jack
53QS105-K20S3
2
FC
a.
See “Declaration of calibration options” for explanation.
Necessary accessory
- Rosenberger Calibration Kit RPC-N
Full Version
05CK001-150
or
- Rosenberger Calibration Kit RPC-N
Industrial Version
05CK010-150
or
- Equivalent OSLT Type N 50 Ohm Calibration Kit


Similar Part No. - 53QCK070-150

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53QK105-K00S3 ROSENBERGER-53QK105-K00S3 Datasheet
105Kb / 2P
   ADAPTOR
53QK105-S00S3 ROSENBERGER-53QK105-S00S3 Datasheet
118Kb / 2P
   ADAPTOR
53QK105-S20S3 ROSENBERGER-53QK105-S20S3 Datasheet
557Kb / 3P
   Calibration Adaptor
53QK121-K20S3 ROSENBERGER-53QK121-K20S3 Datasheet
154Kb / 2P
   CALIBRATION ADAPTOR
53QK153-S00N5 ROSENBERGER-53QK153-S00N5 Datasheet
65Kb / 2P
   Adaptor SnapN 50 Jack ??N 50 Plug
More results

Similar Description - 53QCK070-150

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
60K36R-MSON3 ROSENBERGER-60K36R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com