Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53QS101-272B5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53QS101-272B5
Description  STRAIGHT PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53QS101-272B5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53QS101-272B5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53QS101-272B5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
SnapN
50
STRAIGHT PLUG
53QS101-272B5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 11 GHz
Return loss
 35 dB, DC to 2.5 GHz
 23 dB, 2.5 to 8 GHz
Insertion loss
 0.05 dB x
[GHz]
f
Insulation resistance
 5 x103 M
Center contact resistance
 1.0 m
Outer contact resistance
 1.0 m
Test voltage
2500 V rms
Working voltage
500 V rms
RF-leakage
 -90 dB, 100 MHz to 3 GHz
 -80 dB, 3 GHz to 6 GHz
Intermodulation (3rd order)
 -155 dBc @ 1.8 GHz (2 x 43 dBm)
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
min. 200
Engagement force
30 N (typ.)
Disengagement force
30 N (typ.)
Please always use the latching sleeve for locking and unlocking units
Environmental data
Temperature range
-40°C to +125°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. A
Shock
MIL-STD-202, Meth. 213, Cond. I
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
Crimping tool
N/A
Crimp insert
N/A
Suitable cables
UT 141
Weight
Weight
18.8 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Andreas Fellner
17.03.05
J_Gramsamer
31.03.15
e00
15-0397
J_Krautenb.
31.03.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 53QS101-272B5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53QS105-K00S3 ROSENBERGER-53QS105-K00S3 Datasheet
105Kb / 2P
   ADAPTOR
53QS105-K20S3 ROSENBERGER-53QS105-K20S3 Datasheet
554Kb / 3P
   Calibration Adaptor
53QS105-K20S3 ROSENBERGER-53QS105-K20S3 Datasheet
557Kb / 2P
   Calibration Kit Adapter Version
53QS105-S00S3 ROSENBERGER-53QS105-S00S3 Datasheet
118Kb / 2P
   ADAPTOR
More results

Similar Description - 53QS101-272B5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
56S101-115N5 ROSENBERGER-56S101-115N5 Datasheet
45Kb / 2P
   STRAIGHT PLUG
51S106-006N5 ROSENBERGER-51S106-006N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
53S107-108N5 ROSENBERGER-53S107-108N5 Datasheet
72Kb / 2P
   STRAIGHT PLUG
51S107-802N5 ROSENBERGER-51S107-802N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
64S115-C09N1 ROSENBERGER-64S115-C09N1 Datasheet
275Kb / 2P
   Straight Plug
53S107-803N5 ROSENBERGER-53S107-803N5 Datasheet
76Kb / 2P
   STRAIGHT PLUG
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
   STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
   STRAIGHT PLUG
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
   straight plug
logo
Japan Aviation Electron...
JB1DB03PL JAE-JB1DB03PL Datasheet
165Kb / 1P
   STRAIGHT PLUG
JN2DS10SL1-R JAE-JN2DS10SL1-R Datasheet
223Kb / 1P
   STRAIGHT PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com