Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C64-BN6T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24C64-BN6T
Description  64Kbit and 32Kbit Serial I짼C Bus EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-BN6T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24C64-BN6T Datasheet HTML 6Page - STMicroelectronics M24C64-BN6T Datasheet HTML 7Page - STMicroelectronics M24C64-BN6T Datasheet HTML 8Page - STMicroelectronics M24C64-BN6T Datasheet HTML 9Page - STMicroelectronics M24C64-BN6T Datasheet HTML 10Page - STMicroelectronics M24C64-BN6T Datasheet HTML 11Page - STMicroelectronics M24C64-BN6T Datasheet HTML 12Page - STMicroelectronics M24C64-BN6T Datasheet HTML 13Page - STMicroelectronics M24C64-BN6T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
M24C64, M24C32
10/26
Page Write
The Page Write mode allows up to 32 bytes to be
written in a single Write cycle, provided that they
are all located in the same ’row’ in the memory:
that is, the most significant memory address bits
(b12-b5 for M24C64, and b11-b5 for M24C32) are
the same. If more bytes are sent than will fit up to
the end of the row, a condition known as ‘roll-over’
occurs. This should be avoided, as data starts to
become overwritten in an implementation depen-
dent way.
The bus master sends from 1 to 32 bytes of data,
each of which is acknowledged by the device if
Write Control (WC) is Low. If Write Control (WC) is
High, the contents of the addressed memory loca-
tion are not modified, and each data byte is fol-
lowed by a NoAck. After each byte is transferred,
the internal byte address counter (the 5 least sig-
nificant address bits only) is incremented. The
transfer is terminated by the bus master generat-
ing a Stop condition.
Figure 8. Write Mode Sequences with WC=0 (data write enabled)
BYTE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01106C
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK


Similar Part No. - M24C64-BN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
M24C64-DF STMICROELECTRONICS-M24C64-DF Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C64-DF STMICROELECTRONICS-M24C64-DF Datasheet
838Kb / 45P
   64-Kbit serial I짼C bus EEPROM
M24C64-DRDW3TG STMICROELECTRONICS-M24C64-DRDW3TG Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
M24C64-DRDW3TP STMICROELECTRONICS-M24C64-DRDW3TP Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24C64-BN6T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM24C32 HMSEMI-HM24C32 Datasheet
813Kb / 16P
   32Kbit and 64Kbit Serial IC bus EEPROM
logo
STMicroelectronics
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
logo
Sanyo Semicon Device
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
logo
STMicroelectronics
M95640-S STMICROELECTRONICS-M95640-S Datasheet
768Kb / 42P
   32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
logo
Asahi Kasei Microsystem...
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com