Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD615-3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # ILD615-3
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD615-3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button ILD615-3 Datasheet HTML 4Page - Vishay Siliconix ILD615-3 Datasheet HTML 5Page - Vishay Siliconix ILD615-3 Datasheet HTML 6Page - Vishay Siliconix ILD615-3 Datasheet HTML 7Page - Vishay Siliconix ILD615-3 Datasheet HTML 8Page - Vishay Siliconix ILD615-3 Datasheet HTML 9Page - Vishay Siliconix ILD615-3 Datasheet HTML 10Page - Vishay Siliconix ILD615-3 Datasheet HTML 11Page - Vishay Siliconix ILD615-3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83652
10
Rev. 1.6, 04-Mar-11
ILD615, ILQ615
Vishay Semiconductors Optocoupler, Phototransistor Output
(Dual, Quad Channel)
PACKAGE DIMENSIONS in millimeters
i178006
Pin one ID
6.645 ± 0.165
9.77 ± 0.14
0.95 ± 0.19
4° typ.
2.54 typ.
10°
3° to 9°
7.62 typ.
0.51 ± 0.05
0.25 ± 0.05
3.045 ± 0.255
3.555 ± 0.255
0.70 ± 0.19
6.095 ± 0.255
4
3
2
1
0.79
1.27
5
6
7
8
ISO method A
6.48
6.81
19.77
20.07
0.76
1.14
2.54 typ.
10°
typ.
3° to 9°
0.46
0.56
0.20
0.30
2.79
3.30
Pin one ID
3.30
3.81
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
7.62 typ.
5.84
6.35
1.27
i178007
ISO method A
0.51
0.89
0.79


Similar Part No. - ILD615-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD615-3 SIEMENS-ILD615-3 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILD615-3 VISHAY-ILD615-3 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD615-3 VISHAY-ILD615-3 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD615-3X006 VISHAY-ILD615-3X006 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD615-3X007 VISHAY-ILD615-3X007 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
More results

Similar Description - ILD615-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com