Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615A-3X018T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH615A-3X018T
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-3X018T Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH615A-3X018T Datasheet HTML 1Page - Vishay Siliconix SFH615A-3X018T Datasheet HTML 2Page - Vishay Siliconix SFH615A-3X018T Datasheet HTML 3Page - Vishay Siliconix SFH615A-3X018T Datasheet HTML 4Page - Vishay Siliconix SFH615A-3X018T Datasheet HTML 5Page - Vishay Siliconix SFH615A-3X018T Datasheet HTML 6Page - Vishay Siliconix SFH615A-3X018T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH615A-3X018T
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 08-Feb-13
5
Document Number: 84185
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - Linear Operation (without Saturation)
Fig. 3 - Switching Operation (with Saturation)
Fig. 4 - Current Transfer Ratio (Typ.) vs. Temperature
Fig. 5 - Output Characteristics (Typ.) Collector Current vs.
Collector Emitter Voltage
Fig. 6 - Diode Forward Voltage (Typ.) vs. Forward Current
Fig. 7 - Transistor Capacitance (Typ.) vs. Collector Emitter Voltage
isfh615a_01
R
L =75 Ω
V
CC =5V
I
C
I
F
47
Ω
isfh615a_02
1
Ω
V
CC =5V
47
Ω
I
F
isfh615a_03
- 25
0
25
50
75
103
102
101
5
5
T
A (°C)
4
3
2
1
I
F = 10 mA, VCE = 5 V
isfh615a_04
30
20
10
0
0
5
10
15
I
F =14 mA
2 mA
4 mA
6 mA
8 mA
10 mA
12 mA
1 mA
V
CE (V)
isfh615a_05
I
F (mA)
25°
50°
75°
1.2
1.1
1.0
0.9
10- 1
100
101
102
isfh615a_06
20
15
10
5
0
V
e (V)
10-2
10-1
100
101
102
C
CE
f = 1 MHz


Similar Part No. - SFH615A-3X018T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615A-3X018T VISHAY-SFH615A-3X018T Datasheet
132Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
01-Jan-2022
SFH615A-3X018T VISHAY-SFH615A-3X018T Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH615A-3X018T VISHAY-SFH615A-3X018T_V01 Datasheet
132Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
01-Jan-2022
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
More results

Similar Description - SFH615A-3X018T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com