Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH690A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH690A
Description  Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH690A Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH690A Datasheet HTML 1Page - Vishay Siliconix SFH690A Datasheet HTML 2Page - Vishay Siliconix SFH690A Datasheet HTML 3Page - Vishay Siliconix SFH690A Datasheet HTML 4Page - Vishay Siliconix SFH690A Datasheet HTML 5Page - Vishay Siliconix SFH690A Datasheet HTML 6Page - Vishay Siliconix SFH690A Datasheet HTML 7Page - Vishay Siliconix SFH690A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SFH690AB, SFH690A, SFH690B, SFH690C, SFH690D
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 17-Nov-15
2
Document Number: 83686
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(3) Refer to reflow profile for soldering conditions for surface mounted devices.
Fig. 1 - Permissible Power Dissipation vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
DC forward current
IF
50
mA
Surge forward current
tp
≤ 10 μs
IFSM
2.5
A
Power dissipation
Pdiss
80
mW
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
tp
≤ 1 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
COUPLER
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature (1)
max. 10 s dip soldering distance to
seating plane
≥ 1.5 mm
Tsld
260
°C
0
50
100
150
200
0
255075
100
125
150
18484
Phototransistor
Diode
Tamb - Ambient Temperature (°C)


Similar Part No. - SFH690A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690A VISHAY-SFH690A Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690A VISHAY-SFH690A Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690AB VISHAY-SFH690AB Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690AB VISHAY-SFH690AB Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690ABT VISHAY-SFH690ABT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
More results

Similar Description - SFH690A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690DT VISHAY-SFH690DT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
SFH690D VISHAY-SFH690D_V01 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690AB VISHAY-SFH690AB_V02 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.7, 16-May-08
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.6, 26-Oct-04
SFH691AT VISHAY-SFH691AT_V02 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
01-Jan-2023
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com